Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-244 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part # L-244
Description  Common Mode Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-244 Datasheet(HTML) 2 Page - Rhombus Industries Inc.

  L-244 Datasheet HTML 1Page - Rhombus Industries Inc. L-244 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
CMODEPOT 5/97
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
Single Layer Windings with Spacers specially designed
by Rhombus Industries to provide 3mm Creepage and
Clearance for International Safety Compliance.
Part
I
L
Test Level
L
L
DCR
Number
Max.
mHy Min.
V
RMS
Max.
Max.
Leads
Size
Vertical
(A)
@1 KHz
@1 KHz
(
µH)
(m
Ω)
(AWG)
Code
L-251
1.8
10
0.50
130
240
20
V1
L-252
3.5
3
0.20
35
60
20
V1
L-253
6.0
1
0.08
12
20
19
V1
L-254
2.6
16
1.00
180
160
18
V2
L-255
3.2
8
0.50
90
120
18
V2
L-256
5.2
4
0.20
45
40
19
V2
L-257
7.5
2
0.08
25
20
17
V2
Common Mode Inductors
SEMI-POTTED VERTICAL STYLE
23
Size
Typical Dimension in Inches
Code
A
B
C
D
E
F
G
H
V1
1.150
0.550
0.400
0.800
0.450
0.200
.015
1.150
V2
1.440
0.800
0.600
0.900
0.700
0.200
.030
1.500
1
3
2
4
Schematic Diagram
NEW!
Designed to prevent noise emission
in switching power supplies at input.
Windings balanced to 1%
Isolation 1250 VRMS
Materials used in the construction
of these parts are UL 94 VO and
are rated at 130o C or better
A
D
C
H
E
B
G
F
1
2
3
Bottom View
4


Similar Part No. - L-244

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-20001 RHOMBUS-IND-L-20001 Datasheet
15Kb / 1P
   CURRENT SENSE INDUCTOR
L-201 RHOMBUS-IND-L-201 Datasheet
16Kb / 1P
   AUDIO INDUCTOR
logo
Vishay Siliconix
L-2010M0R10FBBS VISHAY-L-2010M0R10FBBS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
L-2010M0R10GBBS VISHAY-L-2010M0R10GBBS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
L-2010M0R10HBBS VISHAY-L-2010M0R10HBBS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
More results

Similar Description - L-244

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
logo
TRIAD MAGNETICS
CMT-8109 TRIAD-CMT-8109 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
   Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
   Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8106 TRIAD-CMT-8106 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8107 TRIAD-CMT-8107 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8116 TRIAD-CMT-8116 Datasheet
93Kb / 1P
   Common Mode Inductors
CMT-8102 TRIAD-CMT-8102 Datasheet
86Kb / 1P
   Common Mode Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com