Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3623 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STS3623
Description  Dual N-Channel Enhancement Mode Field E ffect Trans is tor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3623 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STS3623 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3623 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3623 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3623 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3623 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3623 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3623 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3623 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
C is s
C os s
500
400
300
200
100
0
C rs s
F igure 10. G a te C ha rge
Qg, T otal G ate C harge (nC )
8
10
6
4
2
0
0
1
2
3
4
5
6
7
8
V DS =15V
ID=3A
F igure 12. Ma ximum S a fe
O pera ting Area
V DS , Drain-S ource V oltage (V )
50
10
1 1
0.1
0.03
0.1
1
10
20
50
R
DS
(O
N)
Li
m
it
V GS =10V
S ingle P ulse
T c=25 C
S T S 3623
F igure 11.s witching cha ra cteris tics
R g, G ate R es is tance ( )
10
1
1
6 10
60 100
600
300
V DS =15V ,I D=1A
V G S =10V
T f
100
T r
10
m
s
10
0m
s
1s
DC
5


Similar Part No. - STS3623

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS3623 VBSEMI-STS3623 Datasheet
521Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - STS3623

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS4622 SAMHOP-STS4622 Datasheet
159Kb / 8P
   Dual N-Channel Enhancement Mode Field E ffect Trans is tor
STS3400 SAMHOP-STS3400 Datasheet
716Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Trans is tor
logo
ShenZhen XinDeYi Electr...
US2301 XINDEYI-US2301 Datasheet
353Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Trans is tor
logo
SamHop Microelectronics...
SDP55N02 SAMHOP-SDP55N02 Datasheet
479Kb / 6P
   N-Channel E nhancement Mode Field E ffect Transistor
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com