Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-1400 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1400
Description  Common Mode Chokes for Telecom Applications
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
*OCL,
LEAK-
AGE
INDU
Electrical Specifications at 25OC
High Frequency Chokes
HF Choke
OCL
L
L sec
C
W/W
DCR
Z
OC min.
Z
OC min.
Z
OC min.
Z
OC min.
Part
min.
max.
max.
max.
( k
Ω )( kΩ )( kΩ )( kΩ )
Number
(
µH )
(
µH )
( pF )
(
Ω )
10 MHz
30 MHz
70MHz
100MHZ
F-1600
24.0
0.20
15
0.30
0.9
1.60
1.15
0.80
F-1601
16.0
0.20
12
0.30
0.7
1.35
1.05
0.65
F-1602
8.0
0.20
10
0.25
0.55
1.10
1.00
0.52
10
20
40
60
80 100
1000
2000
3000
4000
Frequency ( MHz )
Z
(
Ω )
200
300
0
Typical
Minimum
Impedance Curve for F-1351 / 1352
Turns
OCL
L
L sec
C
W/W
DCR
HI-POT
Part
Ratio
min.
max.
max.
max.
min.
Package
Number
(
µH )
(
µH )
( pF )
(
Ω )
( V
RMS )Style
F-1351
1:1:1:1
18
.3
65
25
500
8 Pin
F-1352
1:1:1:1
36
.3
200
25
500
8 Pin
Electrical Specifications at 25OC
LAN Chokes
31
300
Electrical Specifications at 25OC
LF Choke
OCL
L
L sec
C
W/W
DCR
Z
OC min.
Z
OC min.
Z
OC min.
Z
OC min.
Part
min.
max.
max.
max.
( k
Ω )( kΩ )( kΩ )( kΩ )
Number
( mH )
(
µH )
( pF )
(
Ω )
150 kHz
300 kHz
500 kHz
1MHZ
F-1400
6.0
35.0
22
1.4
5.5
8.0
8.0
9.0
F-1401
4.0
30.0
10
0.7
3.3
6.0
8.0
11.0
F-1402
4.0
0.7
40
0.7
3.3
6.0
8.0
11.0
F-1403
1.0
10.0
10
0.7
0.9
1.6
2.3
3.3
Low Frequency Chokes
Designed for 4-Wire Links ISDN S / T1
For EMI Reduction - Filters Common Mode Noise
500 V
RMS Minimum Isolation Between Windings
Frequencies 100 kHz to 200MHz
Common Mode Chokes
for Telecom Applications
Schematic
F-135X Schematic
CHOKES -7/97




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T8008NL8 X 2 LINE COMMON MODE CHOKES Designed for Quad Port T1/E1 Applications 1 2 Pulse A Technitrol Company
COJ-16-470Common Mode Octal Chokes for Quad Port T1/E1 1 Nuvotem Talema
COJ-16-502Common Mode Octal Chokes for Quad Port T1/E1 1 Nuvotem Talema
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
HT83Common Mode Chokes for High Speed Telecommunications 1 2 3 Bi technologies
COJ-16-470_1Common Mode Octal Chokes for Quad Port T1/E1 1 Nuvotem Talema
B5WCOMMON MODE CHOKE FOR IEEE 1394 APPLICATIONS 1 2 TOKO, Inc
CPFC6D36DC Common Mode Chokes 1 Sumida Corporation
TCM1608Common Mode Filters SMD For High-speed Differential Signal Line 1 2 TDK Electronics
MC44605_06High Safety Latched Mode GreenLine TM PWM Controller for Multi Synchronized Applications 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl