Part Name
         Description
STM6968

 Dual N-Channel E nhancement Mode F ield E ffect Transistor ( 7 Page)


SAMHOP
100% 
Zoom Out Zoom In
   
 5 page
background image
S T M6968
6
F igure 10. G a te C ha rge
Q g, T otal G ate Charge (nC)
10
8
6
4
2
0
02
4
6
810
12
14
16
V DS =48V
ID=4.5A
F igure 11. s witching cha ra cteris tics
R g, G ateR es is tance(
Ω)
5
Figure 12. Ma ximum S a fe
Opera ting Area
V DS , Drain-S ource V oltage (V )
50
10
1
0.1
0.03
0.1
1
10
60
V GS =10V
Single P uls e
T A=25 C
R
DS
(O
N)
Lim
it
10m
s
10
0m
s
1s
DC
100
10
1
1
610
60 100
60
600
300
600
V DS =30V , ID=4.5A
VG S =10V
Tr
Tf
30
Figure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
1200
1000
800
600
400
200
0
0
5
10
15
20
25
30
Cis s
Cos s
Crs s
0.01
0.1
1
9
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
Single Pulse
P DM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05
TD(on)
TD(off)



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STM6610Dual N-Channel E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STM6915Dual N-Channel E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STM6922Dual N-Channel E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STM6926Dual N-Channel E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STM6962Dual N-Channel E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STA6610Dual N-Channel E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STA6620Dual N-Channel E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
STF8220Dual N-Channel E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
ST420SN-Channel Logic Level E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.
ST426SN-Channel Logic Level E nhancement Mode F ield E ffect Transistor 1 2 3 4 5 MoreSamHop Microelectronics Corp.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl