Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6960 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM6960
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM6960 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM6960 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM6960 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM6960 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM6960 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM6960 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM6960 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM6960 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
S TM6960
6
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
2
4
6
8
10
12
14 16
VDS=48V
ID=4.5A
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
5
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
50
10
1
0.1
0.03
0.1
1
10
60
VGS=10V
S ingle P ulse
TA=25 C
R D
S (O
N)
Lim
it
10m
s
100
ms
1s
DC
100
10
1
1
6 10
60 100
60
600
300
600
V DS =30V ,ID=4.5A
V G S =10V
T r
T f
30
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
1200
1000
800
600
400
200
0
0
5
10
15
20
25
30
C iss
C oss
C rss
0.01
0.1
1
9
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
Single Pulse
on
PDM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datasheet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05


Similar Part No. - STM6960

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STM6960 VBSEMI-STM6960 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
SamHop Microelectronics...
STM6960A SAMHOP-STM6960A Datasheet
106Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STM6960

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com