Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ8.0CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # SMCJ8.0CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SMCJ8.0CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  SMCJ8.0CA Datasheet HTML 1Page - MDE Semiconductor, Inc. SMCJ8.0CA Datasheet HTML 2Page - MDE Semiconductor, Inc. SMCJ8.0CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1500 Watt Surface Mount TVS
UNI
BI
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.00
6.40
7.00
10
9.2
163.0
800
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.00
6.67
7.37
10
10.3
145.7
800
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.50
7.22
7.98
10
11.2
134.0
500
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.00
7.78
8.60
10
12.0
125.0
200
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.50
8.33
9.21
1
12.9
116.3
100
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.00
8.89
9.83
1
13.6
110.3
50
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.50
9.44
10.40
1
14.4
104.2
20
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.00
10.00
11.10
1
15.4
97.4
10
SMCJ10A
SMCJ10CA
GDX
BDX
10.00
11.10
12.30
1
17.0
88.3
5
SMCJ11A
SMCJ11CA
GDZ
BDZ
11.00
12.20
13.50
1
18.2
82.5
5
SMCJ12A
SMCJ12CA
GEE
BEE
12.00
13.30
14.70
1
19.9
75.4
5
SMCJ13A
SMCJ13CA
GEG
BEG
13.00
14.40
15.90
1
21.5
69.8
5
SMCJ14A
SMCJ14CA
GEK
BEK
14.00
15.60
17.20
1
23.2
64.7
5
SMCJ15A
SMCJ15CA
GEM
BEM
15.00
16.70
18.50
1
24.4
61.5
5
SMCJ16A
SMCJ16CA
GEP
BEP
16.00
17.80
19.70
1
26.0
57.7
5
SMCJ17A
SMCJ17CA
GER
BER
17.00
18.90
20.90
1
27.6
54.4
5
SMCJ18A
SMCJ18CA
GET
BET
18.00
20.00
22.10
1
29.2
51.4
5
SMCJ20A
SMCJ20CA
GEV
BEV
20.00
22.20
24.50
1
32.4
46.3
5
SMCJ22A
SMCJ22CA
GEX
BEX
22.00
24.40
26.90
1
35.5
42.3
5
SMCJ24A
SMCJ24CA
GEZ
BEZ
24.00
26.70
29.50
1
38.9
38.6
5
SMCJ26A
SMCJ26CA
GFE
BFE
26.00
28.90
31.90
1
42.1
35.7
5
SMCJ28A
SMCJ28CA
GFG
BFG
28.00
31.10
34.40
1
45.4
33.1
5
SMCJ30A
SMCJ30CA
GFK
BFK
30.00
33.30
36.80
1
48.4
31.0
5
SMCJ33A
SMCJ33CA
GFM
BFM
33.00
36.70
40.60
1
53.3
28.2
5
SMCJ36A
SMCJ36CA
GFP
BFP
36.00
40.00
44.20
1
58.1
25.9
5
SMCJ40A
SMCJ40CA
GFR
BFR
40.00
44.40
49.10
1
64.5
23.3
5
SMCJ43A
SMCJ43CA
GFT
BFT
43.00
47.80
52.80
1
69.4
21.7
5
SMCJ45A
SMCJ45CA
GFV
BFV
45.00
50.00
55.30
1
72.7
20.6
5
SMCJ48A
SMCJ48CA
GFX
BFX
48.00
53.30
58.90
1
77.4
19.4
5
SMCJ51A
SMCJ51CA
GFZ
BFZ
51.00
56.70
62.70
1
82.4
18.2
5
SMCJ54A
SMCJ54CA
GGE
BGE
54.00
60.00
66.30
1
87.1
17.3
5
SMCJ58A
SMCJ58CA
GGG
BGG
58.00
64.40
71.20
1
93.6
16.1
5
SMCJ60A
SMCJ60CA
GGK
BGK
60.00
66.70
73.70
1
96.8
15.5
5
SMCJ64A
SMCJ64CA
GGM
BGM
64.00
71.10
78.60
1
103.0
14.6
5
SMCJ70A
SMCJ70CA
GGP
BGP
70.00
77.80
86.00
1
113.0
13.3
5
SMCJ75A
SMCJ75CA
GGR
BGR
75.00
83.30
92.10
1
121.0
12.4
5
SMCJ78A
SMCJ78CA
GGT
BGT
78.00
86.70
95.80
1
126.0
11.9
5
SMCJ85A
SMCJ85CA
GGV
BGV
85.00
94.40
104.00
1
137.0
11.0
5
SMCJ90A
SMCJ90CA
GGX
BGX
90.00
100.00
111.00
1
146.0
10.3
5
SMCJ100A
SMCJ100CA
GGZ
BGZ
100.00
111.00
123.00
1
162.0
9.3
5
SMCJ110A
SMCJ110CA
GHE
BHE
110.00
122.00
135.00
1
177.0
8.5
5
SMCJ120A
SMCJ120CA
GHG
BHG
120.00
133.00
147.00
1
193.0
7.8
5
SMCJ130A
SMCJ130CA
GHK
BHK
130.00
144.00
159.00
1
209.0
7.2
5
SMCJ150A
SMCJ150CA
GHM
BHM
150.00
167.00
185.00
1
243.0
6.2
5
SMCJ160A
SMCJ160CA
GHP
BHP
160.00
178.00
197.00
1
259.0
5.8
5
SMCJ170A
SMCJ170CA
GHR
BHR
170.00
189.00
209.00
1
275.0
5.5
5
SMCJ180A
SMCJ180CA
GHT
BHT
180.00
201.00
222.00
1
292.0
5.1
5
SMCJ200A
SMCJ200CA
GHV
BHV
200.00
224.00
247.00
1
324.0
4.6
5
SMCJ220A
SMCJ220CA
GHX
BHX
220.00
246.00
272.00
1
356.0
4.2
5
SMCJ250A
SMCJ250CA
GHZ
BHZ
250.00
279.00
309.00
1
405.0
3.7
5
SMCJ300A
SMCJ300CA
GJE
BJE
300.00
335.00
371.00
1
486.0
3.1
5
SMCJ350A
SMCJ350CA
GJG
BJG
350.00
391.00
432.00
1
567.0
2.6
5
SMCJ400A
SMCJ400CA
GJK
BJK
400.00
447.00
494.00
1
648.0
2.3
5
SMCJ440A
SMCJ440CA
GJM
BJM
440.00
492.00
543.00
1
713.0
2.1
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)


Similar Part No. - SMCJ8.0CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SMCJ8.0CA SEMITECH-SMCJ8.0CA Datasheet
224Kb / 6P
   Excellent clamping capability
logo
Fairchild Semiconductor
SMCJ8.0CA FAIRCHILD-SMCJ8.0CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
PACELEADER INDUSTRIAL
SMCJ8.0CA PACELEADER-SMCJ8.0CA Datasheet
137Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
SMCJ8.0CA HY-SMCJ8.0CA Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMCJ8.0CA LUGUANG-SMCJ8.0CA Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ8.0CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com