Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-1515 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1515
Description  100 BASE-T4 TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
www.rhombus-ind.com
100 BASE-T4
TRANSFORMERS
Designed for popular 100Base-T4 transceiver chips
Electrical Specifications at 25o C
100BAST2 - 2/02
Designed to provide isolation and impedance matching for 4
twisted pairs in a 100 Mbps Transmission over UTP-3 Cable.
IEEE 802.3 Compatible
Common Mode Choke available for improved EMI performance
Turns
OCL
L
L
DCR
P
C
w/w
Part
Ratio
Min.
max.
max.
max.
Isolation
Number
+3%
(
µH )
(
µH )
(
Ω )
( pF )
(V
RMS)
F-1515
1 :1
36
0.2
0.35
15
500
Electrical Specifications at 25o C
Dual SMD
Turns
OCL
L
L
DCR
P
C
w/w
16-Pin
Ratio
Min.
max.
max.
max.
Isolation
Part. No.
+3%
(
µH )
(
µH )
(
Ω )
( pF )
(V
RMS)
T-15200S
1:2CT
350
1.0
0.5
14
1500
T-15201S
2CT:1CT
350
1.0
1.0
10
1500
Designed for
Quad SMD
use with
24-Pin
Transceiver I.C.
Part. No.
SEEQ 80C240P
T-15202
Cypress CY7C971 T-15203
.622 (15.80)
.645 (16.39)
.526
(13.35)
.035
(0.89)
TYP.
.010
(0.25)
TYP.
0.700
(17.78)
MAX.
.016
(0.41)
TYP.
.296
(7.52)
MAX.
.050
(1.27)
TYP.
.015
(0.38)
TYP.
24-Pin SMD Package: T-15202, T-15203
Dimensions in Inches (mm)
14
7
11
15
10
8
9
16
13
12
15
4
2
3
6
PRI
PRI
SEC
SEC
14
7
11
15
10
8
9
16
13
12
15
4
2
3
6
PRI
PRI
SEC
SEC
14
18
711
17
15
10
8
9
16
13
12
20
24
15
23
21
4
2
3
22
19
6
PRI
PRI
PRI
PRI
SEC
SEC
SEC
SEC
T-15202
Schematic Diagram
14
18
711
17
15
10
8
9
16
13
12
20
24
15
23
21
4
2
3
22
19
6
PRI
PRI
PRI
PRI
SEC
SEC
SEC
SEC
T-15203
Schematic Diagram
T-15201S
Schematic Diagram
T-15200S
Schematic Diagram
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
100 BASE-T4
COMMON MODE
CHOKE
Impedance
Ω (Min.)
2000 @ 30 Mhz
1500 @ 50 Mhz
1000 @ 70 Mhz
10
20
40
60
80 100
1000
2000
3000
4000
Frequency ( MHz )
200
300
0
Typical
Minimum
F-1515: 16-Pin SMD package
per T-15200S above.
24-Pin DIP Package: T-15200S & T-15201S
Dimensions in Inches (mm)
Tape & Reel
Available
F-1515
Schematic
Diagram
)RU FRPSOHWH GHWDLOV LQFOXGLQJ GRZQORDGDEOH
3') FDWDORJV DQG GDWD VKHHWV SOHDVH YLVLW
ZZZUKRPEXVLQGFRP




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-15200100 BASE-T4 TRANSFORMERS 1 Rhombus Industries Inc.
AEP900-TADSL Transformers for Legerity AMD Chipsets 1 Nuvotem Talema
2N6796100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor 1 2 3 4 5 List of Unclassifed Manufacturers
CS9202_06Micropower 3.3 V 100 mA Linear Regulator with NOCAP 1 2 3 4 5 MoreON Semiconductor
MJF6388_06COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS 1 2 3 4 5 MoreON Semiconductor
DDTA122LUPNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
A57_1Cascadable Amplifier 100 to 500 MHz 1 2 Tyco Electronics
DR25125 Amp Automotive Rectifier 100 to 600 Volts 1 2 Micro Commercial Components
SD820TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts 1 2 Dc Components
SFF150-330 AMP 100 Volts 0.055OHM N-Channel POWER MOSFET 1 2 Solid States Devices, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl