Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6507B Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # EN6507B
Description  Stepping Motor Driver Output Current 2.8A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6507B Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button EN6507B Datasheet HTML 2Page - Sanyo Semicon Device EN6507B Datasheet HTML 3Page - Sanyo Semicon Device EN6507B Datasheet HTML 4Page - Sanyo Semicon Device EN6507B Datasheet HTML 5Page - Sanyo Semicon Device EN6507B Datasheet HTML 6Page - Sanyo Semicon Device EN6507B Datasheet HTML 7Page - Sanyo Semicon Device EN6507B Datasheet HTML 8Page - Sanyo Semicon Device EN6507B Datasheet HTML 9Page - Sanyo Semicon Device EN6507B Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
STK672-080-E
No.6507-6/18
Power-on Reset
The application must perform a power-on reset operation when VCC2 power is first applied to this hybrid IC.
Application circuit that used 2W1-2 phase excitation (microstepping operation) mode.
Setting the Motor Current
The motor current IOH is set by the Vref voltage on the hybrid IC pin 7. The following formula gives the relationship
between IOH and Vref.
RoX = (Ro2
× 6kΩ) ÷ (Ro2 + 6kΩ)
(1)
Vref = VCC2 × RoX ÷ (Ro1 + RoX)
(2)
IOH =
×
(3)
K: 4.7 (Voltage divider ratio),
Rs: 0.15
Ω (This is the hybrid IC's internal current detection resistor. It has a tolerance of ±3%.)
Applications can use motor currents from the current (0.05 to 0.1A) set by the duty of the frequency set by the oscillator
up to the limit of the allowable operating range, IOH = 2.8A
Function Table
M2
0
0
1
1
M1
M3
0
1
0
1
Phase switching clock edge timing
1
2 phase excitation
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
Rising edge only
0
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
4W1-2 phase excitation
Rising and falling edges
Forward
Reverse
ENABLE
Motor current is cut off when low
CWB
0
1
RESET
Active low
K
1
Rs
Vref
7
5
A
AB
6
14
14
8
14
14
9
14
14
12
15
11
13
10
14
+
+
VCC2=5V
VCC2=5V
SG
PG
Vref
Ro1
Ro2
VCC2=5V
CLK
ENABLE
CBW
RESET
MOI
VCC1=10V to 45V
Two-phase stepping motor
STK672-080-E
A13261
B
BB
RoX
4
3
2
1
VF 0.3V
Simple power on reset circuit
(This circuit cannot be used for
power supply voltage drop
detection.)
We recommend a value of about
100
Ω for Ro2 to minimize the
influence of the Vref pin internal
impedance, which is 6k
Ω
RoX: Input impedance: 6k
Ω±30%
Motor current waveform
Ioave
IOL IOH
0A
A13262


Similar Part No. - EN6507B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN651 ONSEMI-EN651 Datasheet
290Kb / 2P
   10.0A Single-Phase Bridge Rectifier
October, 2013
logo
Sanyo Semicon Device
EN6546B SANYO-EN6546B Datasheet
533Kb / 7P
   General-Purpose Switching Device Applications
EN6555B SANYO-EN6555B Datasheet
441Kb / 7P
   General-Purpose Switching Device Applications
EN6559A SANYO-EN6559A Datasheet
590Kb / 10P
   Ultrahigh-Speed Switching Applications
EN6560B SANYO-EN6560B Datasheet
533Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - EN6507B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 1.5A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
logo
ON Semiconductor
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK6713AMK3 SANYO-STK6713AMK3 Datasheet
61Kb / 3P
   Stepping Motor Fixed-current Driver
STK6713BMK3 SANYO-STK6713BMK3 Datasheet
61Kb / 3P
   Stepping Motor Fixed-current Driver?
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com