Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STG8810 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STG8810
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG8810 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STG8810 Datasheet HTML 1Page - SamHop Microelectronics Corp. STG8810 Datasheet HTML 2Page - SamHop Microelectronics Corp. STG8810 Datasheet HTML 3Page - SamHop Microelectronics Corp. STG8810 Datasheet HTML 4Page - SamHop Microelectronics Corp. STG8810 Datasheet HTML 5Page - SamHop Microelectronics Corp. STG8810 Datasheet HTML 6Page - SamHop Microelectronics Corp. STG8810 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STG8810
Ver 1.0
www.samhop.com.tw
Nov,26,2008
6
PACKAGE OUTLINE DIMENSIONS
T S S O P -8
0.85
0.033
0.80
0.031
0.19
0.30
0.007
0.012
1. This drawing is for general information only.Refer to JEDEC Drawing MO-153,Variation AA,for
proper dimensions,tolerances,datums,etc.
2. Dimension D does not include mold Flash,protrusions or gate burrs.Mold Flash,protrusions and
gate burrs shall not exceed 0.15 mm (0.006 in) per side.
3. Dimension E does not include inter-lead Flash or protrusions.Inter-lead Flash and protrusions
shall not exceed 0.25mm (0.010 in) per side.
4. Dimension b does not include Dambar protrusion.Allowable Dambar protrusion shall be 0.08 mm
total in excess of the b dimension at maximum material condition.Dambar cannot be located on
the lower radius of the foot. Minimum space between protrusion and adjacent lead is 0.07 mm.
Notes:
5. Dimension D and E to be determined at Datum Plane H.
DETAIL A
DETAIL A
MAX
MIN
MAX
MIN
2
3
2
3


Similar Part No. - STG8810

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STG8810 VBSEMI-STG8810 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
SamHop Microelectronics...
STG8810A SAMHOP-STG8810A Datasheet
137Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STG8810

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com