Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7513SG Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SM7513SG
Description  3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7513SG Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM7513SG Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7513SG Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7513SG Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7513SG Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7513SG Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7513SG Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7513SG Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7513SG Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7513SG Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
APPLICATION INFORMATION
The figure is schematic diagram of typical for car multimedia system application circuit.
ROUT-
PVDD
RLINEIN
VDD
LLINEIN
LPVDD
LOUT-
LPGND
RPGND
ROUT+
SE/BTL
UP
DOWN
BYPASS
SHUTDOWN
LOUT+
Right
Speaker
Cc
VDD
100kΩ
1kΩ
Headphones
1kΩ
Cc
C(BYP)
System
Control
Left
Speaker
Power Supply
Ci
Cs
Ci
Cs
VDD
Right Audio Input
Power Supply
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
100kΩ
Figure 1. SM7513 Using stereo line inputs application circuit
SAMHOP Microelectronics Corp.
VDD
VDD
3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
Page 6
V.1.0 Apr 30,2007
Left Audio Input


Similar Part No. - SM7513SG

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM7513 LINKAGE-SM7513 Datasheet
1Mb / 7P
   Constant current primary control power switch
More results

Similar Description - SM7513SG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
logo
SamHop Microelectronics...
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7497 SAMHOP-SM7497 Datasheet
712Kb / 12P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7516 SAMHOP-SM7516 Datasheet
343Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com