Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6T39A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # SM6T39A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SM6T39A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  SM6T39A Datasheet HTML 1Page - MDE Semiconductor, Inc. SM6T39A Datasheet HTML 2Page - MDE Semiconductor, Inc. SM6T39A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
600 Watt TVS
UNI-
POLAR
BI-
POLAR
SM6T 6V8A
6V8CA
DE
LE
5.80
6.45
7.14
10
10.5
57.0
1000
SM6T 7V5A
7V5CA
DG
LG
6.40
7.13
7.88
10
11.3
53.0
500
SM6T 10A
10CA
DP
LP
8.55
9.50
10.50
1
14.5
41.0
10
SM6T 12A
12CA
DT
LT
10.20
11.40
12.60
1
16.7
36.0
1
SM6T 15A
15CA
DX
LX
12.80
14.30
15.80
1
21.2
28.0
1
SM6T 18A
18CA
EE
ME
15.30
17.10
18.90
1
25.2
24.0
1
SM6T 22A
22CA
EK
MK
18.80
20.90
23.10
1
30.6
20.0
1
SM6T 24A
24CA
EM
MM
20.50
22.80
25.20
1
33.2
18.0
1
SM6T 27A
27CA
EP
MP
23.10
25.70
28.40
1
37.5
16.0
1
SM6T 30A
30CA
ER
MR
25.60
28.50
31.50
1
41.4
14.5
1
SM6T 33A
33CA
ET
MT
28.20
31.40
34.70
1
45.7
13.1
1
SM6T 36A
36CA
EV
MV
30.80
34.20
37.80
1
49.9
12.0
1
SM6T 39A
39CA
EX
MX
33.30
37.10
41.00
1
53.9
11.1
1
SM6T 68A
68CA
FQ
NQ
58.10
64.60
71.40
1
92.0
6.5
1
SM6T 100A
100CA
FY
NY
85.50
95.00
105.00
1
137.0
4.4
1
SM6T 150A
150CA
GL
OL
128.00
143.00
158.00
1
207.0
2.9
1
SM6T 200A
200CA
GU
OU
171.00
190.00
210.00
1
274.0
2.2
1
SM6T 220A
220CA
GW
OW
188.00
209.00
231.00
1
328.0
2.0
1
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
Certified RoHS Compliant
UL File # E223026
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
SM6T
PART NUMBER
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(mA)
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
MARKING
CODE
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)


Similar Part No. - SM6T39A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T39A STMICROELECTRONICS-SM6T39A Datasheet
186Kb / 5P
   TRANSILTM
logo
Shenzhen Luguang Electr...
SM6T39A LUGUANG-SM6T39A Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
General Semiconductor
SM6T39A GE-SM6T39A Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SM6T39A SUNMATE-SM6T39A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T39A VISHAY-SM6T39A Datasheet
36Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
More results

Similar Description - SM6T39A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com