Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11240DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74AC11240DBR
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11240DBR Datasheet(HTML) 4 Page - Texas Instruments

  74AC11240DBR Datasheet HTML 1Page - Texas Instruments 74AC11240DBR Datasheet HTML 2Page - Texas Instruments 74AC11240DBR Datasheet HTML 3Page - Texas Instruments 74AC11240DBR Datasheet HTML 4Page - Texas Instruments 74AC11240DBR Datasheet HTML 5Page - Texas Instruments 74AC11240DBR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
74AC11240
OCTAL BUFFER/LINE DRIVER
WITH 3-STATE OUTPUTS
SCAS448A – MAY 1987 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
7.6
10.5
1.5
11.7
ns
tPHL
A
Y
1.5
6.3
8.6
1.5
9.5
ns
tPZH
OE
Y
1.5
8.2
11.6
1.5
12.7
ns
tPZL
OE
Y
1.5
7.6
10.8
1.5
12
ns
tPHZ
OE
Y
1.5
5.5
7.5
1.5
7.8
ns
tPLZ
OE
Y
1.5
6.7
9.4
1.5
9.8
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
5.4
7.5
1.5
8.4
ns
tPHL
A
Y
1.5
4.6
6.6
1.5
7.2
ns
tPZH
OE
Y
1.5
5.7
8.2
1.5
9.2
ns
tPZL
OE
Y
1.5
5.3
7.7
1.5
8.7
ns
tPHZ
OE
Y
1.5
4.7
6.3
1.5
6.6
ns
tPLZ
OE
Y
1.5
5.2
7.3
1.5
7.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per buffer
Outputs enabled
CL =50 pF
f=1MHz
39
pF
Cpd
Power dissipation capacitance per buffer
Outputs disabled
CL = 50 pF,
f = 1 MHz
12
pF


Similar Part No. - 74AC11240DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11240DBR TI1-74AC11240DBR Datasheet
582Kb / 14P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
74AC11240DBRG4 TI1-74AC11240DBRG4 Datasheet
582Kb / 14P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11240DBR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com