Electronic Components Datasheet Search |
|
30KPA258CA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc. |
|
30KPA258CA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc. |
1 / 3 page FEATURES • Plastic package has Underwriters Laboratory P-600 Flammability Classification 94V-0 • Glass passivated junction • 30000W Peak Pulse Power capability on 10/1000 µs waveform • Excellent clamping capability 1.0(25.4) MIN • Repetition rate (duty cycle):0.05% .360(9.1) • Low incremental surge resistance .340(8.6) • Fast response time: typically less DIA .360(9.1) than 1.0 ps from 0 volts to BV .340(8.6) • Typical Id less than 1µA above 10V • High temperature soldering guaranteed: 265°C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension .052(1.3) 1.0(25.4) MIN .048(1.2) DIA MECHANICAL DATA Case:Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per Dimensions in inches (milimeters) MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.1 gram Ratings at 25°C ambient temperature unless otherwise specified. RATING SYMBOL VALUE UNITS Peak Pulse Power Dissipation on 10/1000 µs waveform (NOTE 1) Peak Pulse Current of on 10-1000 µs waveform (NOTE 1) Steady State Power Dissipation at Tl=75 °C Lead Lengths.375", (9.5mm)(NOTE 2) Peak Forward Surge Current, 8.3ms Sine-Wave Superimposed on Rated Load, (JEDEC Method) (NOTE 3) Operatings and Storage Temperature Range TJ, TSTG -55 to +175 °C NOTES: 1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2. 2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum Certified RoHS Compliant UL File # E223026 MDE Semiconductor, Inc. 78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com MAXIMUM RATINGS AND CHARACTERISTICS Electrical characteristics apply in both directions. For Bidirectional use C or CA Suffix for types 30KPA28 thru types 30KPA400 DEVICES FOR BIPOLAR APPLICATIONS 30KPA SERIES GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-28.0 TO 400 Volts 30000 Watt Peak Pulse Power PPPM Minimum 30000 Watts IFSM 400.0 Amps IPPM SEE TABLE 1 Amps PM(AV) 8.0 Watts |
Similar Part No. - 30KPA258CA |
|
Similar Description - 30KPA258CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |