Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG73W3ATDD103K Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SG73W3ATDD103K
Description  surge current flat chip resistors (anti-sulfuration)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SG73W3ATDD103K Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SG73W3ATDD103K Datasheet HTML 1Page - KOA Speer Electronics, Inc. SG73W3ATDD103K Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SG73-RT
surge current flat chip resistors
(anti-sulfuration)
applications and ratings
27
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/07/08
environmental applications
Additional environmental applications can also be found at www.koaspeer.com
PMS 300 neg.
Black neg.
Maximum
Overload
Voltage
Resistance Range
(E-12)
(K±10%)
(E-12)
(M±20%)
Maximum
Working
Voltage
2A
(0805)
2E
(1210)
±400
±200
±400
±200
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
0.125W
0.75W
200V
+70°C
-55°C
to
+155°C
W2H
(2010)
2B
(1206)
±400
50V
0.25W
100V
1J
(0603)
±400
±200
0.1W
150V
0.33W
400V
±400
±200
200V
W3A
(2512)
1W
±400
1
Ω - 8.2Ω
±200
10
Ω - 1MΩ
10
Ω - 1MΩ
1
Ω - 8.2Ω
10
Ω - 1MΩ
1
Ω - 8.2Ω
1
Ω - 8.2Ω
10
Ω - 1MΩ
1
Ω - 8.2Ω
10
Ω - 1MΩ
1
Ω - 8.2Ω
±200
10
Ω - 1MΩ
Performance Characteristics
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated Voltage x 2.5 for 5 seconds
±2%
±0.5%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1%
±0.75%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
±0.5%
±0.3%
Moisture Resistance
40°C ± 2°C, 90%~95%RH, 1000 hours; 1.5 hr ON, 0.5 hr OFF cycle
±3%
±0.75%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±3%
±0.75%
High Temperature Exposure
+155°C, 1000 hours
±1%
±0.5%
Sulfuration Test
H2S 1000ppm, +25°C, 90%Rh, 720 hours
±0.5%
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 25


Similar Part No. - SG73W3ATDD103K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SG73W3ATTD KOA-SG73W3ATTD Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73W3ATTDD KOA-SG73W3ATTDD Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73W3ATTE KOA-SG73W3ATTE Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73W3ATTED KOA-SG73W3ATTED Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73W3ATTP KOA-SG73W3ATTP Datasheet
92Kb / 2P
   surge current thick film chip resistor
More results

Similar Description - SG73W3ATDD103K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SG732ARTTD103K KOA-SG732ARTTD103K Datasheet
232Kb / 2P
   surge current flat chip resistors (anti-sulfuration)
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73B2A KOA-RK73B2A Datasheet
95Kb / 2P
   flat chip resistors (anti-sulfuration)
logo
WALSIN TECHNOLOGY CORPO...
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
WR02X_V WALSIN-WR02X_V Datasheet
234Kb / 7P
   General purpose & Anti-sulfuration chip resistors
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com