Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR22DT1020LH Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # LR22DT1020LH
Description  custom milliohm resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LR22DT1020LH Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LR22DT1020LH Datasheet HTML 1Page - KOA Speer Electronics, Inc. LR22DT1020LH Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
54
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/08/08
LR
custom milliohm resistor
features
The super low resistance (3m
Ω ~) is suitable
for high power current detection
Pitches and heights adjustable according
to mounting conditions
All custom-made products
Easy soldering
Non-inductive type
Products with lead-free terminations
meet EU RoHS requirements
EU
dimensions and construction
ordering information
H: ±3%
J: ±5%
D: SnAgCu
3 digits
06~20: L-Style
20~29: T-Style
L
T
LR
Type
Symbol
Nominal
Resistance
Resistance
Tolerance
Termination
Material
Style
New Part #
09
L
Insertion
Pitch
Insertion
Pitch
10
20L
J
D
Size
Code
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR06D
b
.024
(0.6)
ød
a
Dimensions inches
(mm)
Resistive
Wire
Solder
Coat
H*
P*
ød
a
b
Resistive
Wire
Solder
Coat
H*
P*
ød
a
b
T Style
L Style
* Please consult with us about
dimensions “P” and “H”
** T style is applied for the diameter
of ø 2.0 or above
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR07D
.028
(0.7)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR08D
.031
(0.8)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR09D
.035
(0.9)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR10D
.039
(1.0)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR11D
.043
(1.1)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR12D
.047
(1.2)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR13D
.051
(1.3)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR14D
.055
(1.4)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR15D
.059
(1.5)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR16D
.063
(1.6)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR18D
.071
(1.8)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR20D
.079
(2.0)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR23D
.091
(2.3)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR26D
.102
(2.6)
.039
(1 Max.)
.118±.019
(3.0±0.5)
LR29D
.114
(2.9)
1733 Reader's Spreads pg1-203:document
1/27/09
4:05 PM
Page 52


Similar Part No. - LR22DT1020LH

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR220Z SEOUL-LR220Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LR221 SEOUL-LR221 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR221 SEOUL-LR221 Datasheet
360Kb / 13P
   CYAN LAMP LED
LR221 SEOUL-LR221 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LR221 SEOUL-LR221 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LR22DT1020LH

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LR09DL1020LJ KOA-LR09DL1020LJ Datasheet
223Kb / 2P
   custom milliohm resistor
LR KOA-LR Datasheet
214Kb / 2P
   custom milliohm resistor
LR72AD KOA-LR72AD Datasheet
95Kb / 4P
   Surface Mount Custom Milli-Ohm Resistor
logo
Extech Instruments Corp...
380460 EXTECH-380460_15 Datasheet
209Kb / 1P
   Precision Milliohm Meter
380460 EXTECH-380460 Datasheet
248Kb / 5P
   Precision Milliohm Meters
380462 EXTECH-380462_15 Datasheet
209Kb / 1P
   Precision Milliohm Meter
logo
American Accurate Compo...
OLRA-1W-10MFB AAC-OLRA-1W-10MFB Datasheet
79Kb / 2P
   Custom Made Metal Plate Current Sense Resistor
logo
Vishay Siliconix
PSS VISHAY-PSS Datasheet
97Kb / 4P
   Custom Substrates - Conductor Resistor Pattern and Overcoat
01-Jan-2022
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
logo
Extech Instruments Corp...
380580 EXTECH-380580 Datasheet
230Kb / 1P
   Battery Powered Milliohm Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com