Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP54CA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # 5KP54CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

5KP54CA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  5KP54CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 5KP54CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 5KP54CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94 V-O
• Glass passivated junction
• 5000W Peak Pulse Power
capability on 10/1000 µs waveform
• Glass passivated junction
• Low incremental surge resistance
• Excellent clamping capability
• Repetition rate (duty cycle): 0.05%
• Fast response time: typically less than
1.0 ps from 0 volts to BV
• Typical IR less than 1µA above 10V
• High temperature soldering guaranteed:
265°C/10 seconds/ .375", (9.5mm) lead
length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Terminals: Plated Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07 ounces, 2.1 gram
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 µs
waveform (NOTE 1, Fig.1)
IPPM
SEE TABLE 1
Amps
Superimposed on Rated Load, (JEDEC Method)(Note 3)
Operatings and Storage Temperature Range
TJ, TSTG
-55 +175
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2.
2. Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum.
Certified RoHS Compliant
UL File # E223026
VOLTAGE-5.0 TO 220.0 Volts
5000 Watt Peak Pulse Power
5KP SERIES
MAXIMUM RATINGS AND CHARACTERISTICS
Electrical characteristics apply in both directions.
For Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP220 (e.g. 5KP5.0C, 5KP220CA)
DEVICES FOR BIPOLAR APPLICATIONS
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Peak Pulse Current of on 10/1000 µs waveform (Note 1,Fig 3)
PM(AV)
8.0
Steady State Power Dissipation at
TL = 75°C
Lead lengths .375", 9.5mm (Note 2)
Watts
P
PPM
Minimum 5000
Watts
IFSM
400
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave


Similar Part No. - 5KP54CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP54CA SURGE-5KP54CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP54CA LUGUANG-5KP54CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Littelfuse
5KP54CA LITTELFUSE-5KP54CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
SUNMATE electronic Co.,...
5KP54CA SUNMATE-5KP54CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Shenzhen Luguang Electr...
5KP54CA LUGUANG-5KP54CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP54CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com