Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC54VC4901EZBSTP Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC54VC4901EZBSTP
Description  VOLTAGE DETECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC54VC4901EZBSTP Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC54VC4901EZBSTP Datasheet HTML 1Page - TelCom Semiconductor, Inc TC54VC4901EZBSTP Datasheet HTML 2Page - TelCom Semiconductor, Inc TC54VC4901EZBSTP Datasheet HTML 3Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-279
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC54
FEATURES
s
Precise Detection Thresholds .... Standard
± 2.0%
Custom
± 1.0%
s
Small Packages ........... SOT-23A-3, SOT-89, TO-92
s
Low Current Drain ..................................... Typ. 1
µA
s
Wide Detection Range .......................... 2.1V to 6.0V
s
Wide Operating Voltage Range ............ 1.5V to 10V
APPLICATIONS
s
Battery Voltage Monitoring
s
Microprocessor Reset
s
System Brownout Protection
s
Switching Circuit in Battery Backup
s
Level Discriminator
GENERAL DESCRIPTION
The TC54 Series are CMOS voltage detectors, suited
especially for battery-powered applications because of their
extremely low 1
µA operating current and small surface-
mount packaging. Each part is laser trimmed to the desired
threshold voltage which can be specified from 2.1V to 6.0V,
in 0.1V steps.
The device includes a comparator, low-current high-
precision reference, laser-trimmed divider, hysteresis circuit
and output driver. The TC54 is available with either an open-
drain or complementary output stage.
In operation, the TC54's output (VOUT) remains in the
logic HIGH state as long as VIN is greater than the
specified threshold voltage (V
DET). When VIN falls below
V
DET, the output is driven to a logic LOW. VOUT remains
LOW until VIN rises above V
DET by an amount VHYST,
whereupon it resets to a logic HIGH.
FUNCTIONAL BLOCK DIAGRAM
VOLTAGE DETECTOR
Output form:
N = Nch Open Drain
C = CMOS Output
Detected Voltage:
Ex: 21 = 2.1V; 60 = 6.0V
Extra Feature Code: Fixed: 0
Tolerance:
1 =
± 1.0% (custom)
2 =
± 2.0% (standard)
Temperature: E: – 40
°C to + 85°C
Package Type and Pin Count:
CB: SOT-23A-3*, MB: SOT-89-3, ZB: TO-92-3
Taping Direction:
Standard Taping
Reverse Taping
No suffix: TO-92 Bulk
*SOT-23A-3 is equivalent to EIAJ (SC-59).
ORDERING INFORMATION
PART CODE TC54 V X XX X X X XX XXX
TC54-10 11/8/96
VOUT
TC54VC only
VSS
1
3
+
VIN
2
VREF
TC54VN has open-drain output.
TC54VC has complementary output.
PIN CONFIGURATIONS
13
2
VIN
VIN
VSS
VOUT
VSS
VOUT
TC54
TC54
TC54
1
1
2
3
3
2
*SOT-23A-3
SOT-89-3
TO-92
*SOT-23A-3 is equivalent to EIAJ (SC-59)


Similar Part No. - TC54VC4901EZBSTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC54VC4202ECB MICROCHIP-TC54VC4202ECB Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC4202ECB713 MICROCHIP-TC54VC4202ECB713 Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC4202EMB MICROCHIP-TC54VC4202EMB Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC4202EMB713 MICROCHIP-TC54VC4202EMB713 Datasheet
229Kb / 16P
   Voltage Detector
2007
TC54VC4202EZB MICROCHIP-TC54VC4202EZB Datasheet
229Kb / 16P
   Voltage Detector
2007
More results

Similar Description - TC54VC4901EZBSTP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com