Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20KPA180A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 20KPA180A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

20KPA180A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  20KPA180A Datasheet HTML 1Page - MDE Semiconductor, Inc. 20KPA180A Datasheet HTML 2Page - MDE Semiconductor, Inc. 20KPA180A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT) mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
20KPA20A
20KPA20CA
20.00
22.34
50
36.8
548.9
5000
20KPA24A
20KPA24CA
24.00
26.81
50
41.2
490.3
5000
20KPA26A
20KPA26CA
26.00
29.04
50
44.7
451.9
2000
20KPA28A
20KPA28CA
28.00
31.28
50
48.0
420.8
1000
20KPA30A
20KPA30CA
30.00
33.51
5
51.5
392.2
250
20KPA32A
20KPA32CA
32.00
35.74
5
54.3
372.0
150
20KPA34A
20KPA34CA
34.00
38.00
5
57.5
351.3
50
20KPA36A
20KPA36CA
36.00
40.20
5
61.5
328.5
20
20KPA40A
20KPA40CA
40.00
44.70
5
67.8
297.9
15
20KPA44A
20KPA44CA
44.00
49.10
5
72.7
277.9
10
20KPA48A
20KPA48CA
48.00
53.60
5
79.4
254.4
10
20KPA52A
20KPA52CA
52.00
58.10
5
85.8
235.4
10
20KPA56A
20KPA56CA
56.00
62.60
5
92.6
218.1
10
20KPA60A
20KPA60CA
60.00
67.00
5
97.6
207.0
10
20KPA64A
20KPA64CA
64.00
71.50
5
104.0
194.2
10
20KPA68A
20KPA68CA
68.00
76.00
5
110.0
183.6
10
20KPA72A
20KPA72CA
72.00
80.40
5
116.0
174.1
10
20KPA80A
20KPA80CA
80.00
89.40
5
130.0
155.4
10
20KPA88A
20KPA88CA
88.00
98.30
5
142.0
142.3
10
20KPA96A
20KPA96CA
96.00
107.20
5
155.0
130.3
10
20KPA104A 20KPA104CA
104.00
116.20
5
168.0
120.2
10
20KPA112A 20KPA112CA
112.00
125.10
5
182.0
111.0
10
20KPA120A 20KPA120CA
120.00
134.00
5
194.0
104.1
10
20KPA132A 20KPA132CA
132.00
147.40
5
213.0
94.8
10
20KPA144A 20KPA144CA
144.00
160.80
5
232.0
87.1
10
20KPA160A 20KPA160CA
160.00
178.70
5
258.0
78.3
10
20KPA172A 20KPA172CA
172.00
192.10
5
277.0
72.9
10
20KPA180A 20KPA180CA
180.00
201.10
5
291.0
69.4
10
20KPA192A 20KPA192CA
192.00
214.50
5
309.0
65.4
10
20KPA204A 20KPA204CA
204.00
227.90
5
329.0
61.4
10
20KPA216A 20KPA216CA
216.00
241.30
5
348.0
58.0
10
20KPA232A 20KPA232CA
232.00
259.10
5
374.0
54.0
10
20KPA240A 20KPA240CA
240.00
268.10
5
387.0
52.2
10
20KPA256A 20KPA256CA
256.00
286.00
5
412.0
49.0
10
20KPA280A 20KPA280CA
280.00
312.80
5
451.0
44.6
10
20KPA300A 20KPA300CA
300.00
335.10
5
483.0
41.8
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com


Similar Part No. - 20KPA180A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA180A TAITRON-20KPA180A Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
20KPA180A MDE-20KPA180A Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
20KPA180A LITTELFUSE-20KPA180A Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
logo
StarHope
20KPA180A SPSEMI-20KPA180A Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
logo
Shenzhen Luguang Electr...
20KPA180A LUGUANG-20KPA180A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
More results

Similar Description - 20KPA180A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com