Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73H2BTTDD1002D Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RN73H2BTTDD1002D
Description  precision high heat resistance metal film chip resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN73H2BTTDD1002D Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RN73H2BTTDD1002D Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN73H2BTTDD1002D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TD: 0603, 0805, 1206,
1210: 7" 2mm pitch
punched paper
TDD: 0603, 0805, 1206,
1210: 10" paper tape
TE: 0805, 1206, 1210:
7" punched plastic
TED: 0805, 1206, 1210:
10" punched plastic
For further information on
packaging, please refer to
Appendix A
22
RN73H
precision high heat resistance metal
film chip resistor
features
dimensions and construction
ordering information
SMD metal film resistors
High precision type ±0.05% is available
with standard products
Improved moisture resistance by special
protective coating
Rated up to +155°C
Marking: Black coating
Products with lead-free terminations meet
EU RoHS requirements
Protective
Coating
L
c
W
t
d
Inner
Electrode
Solder
Plating
Ni
Plating
Resistive
Film
Ceramic
Substrate
c
A: ±0.05%
B: ±0.1%
C: ±0.25%
D: ±0.5%
F: ±1.0%
05
10
25
50
100
T: Sn
3 significant
figures +
1 multiplier
“R” indicates
decimal on
value <100
1J: 0.1W
2A: 0.125W
2B: 0.25W
2E: 0.25W
RN73H
Type
Size
Nominal
Resistance
Resistance
Tolerance
T.C.R.
(ppm/°C)
Termination
Material
Packaging
New Part #
2B
TD
1002
B
25
T
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
Type
L
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.018±.004
(0.45±0.1)
.012±.004
(0.3±0.1)
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.012±.004
(0.3±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.098±.008
(2.5±0.2)
.126±.008
(3.2±0.2)
.049±.008
(1.25±0.2)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
.079±.008
(2.0±0.2)
1J
(0603)
2A
(0805)
2B
(1206)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
2E
(1210)
Derating Curve
100
80
60
40
20
-60
-40
-20
0
406080100140
85
20
Ambient Temperature
(°C)
0
-55
120
155
160
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 20


Similar Part No. - RN73H2BTTDD1002D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN73H2BTTD1002B25 KOA-RN73H2BTTD1002B25 Datasheet
257Kb / 2P
   high heat resistance metal film chip resistor
More results

Similar Description - RN73H2BTTDD1002D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
JT-102 KOA-JT-102 Datasheet
287Kb / 3P
   high heat resistance metal film chip resistor
RN73H KOA-RN73H Datasheet
395Kb / 2P
   high heat resistance metal film chip resistor
RN73H2BTTD1002B25 KOA-RN73H2BTTD1002B25 Datasheet
257Kb / 2P
   high heat resistance metal film chip resistor
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
logo
IRC - a TT electronics ...
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
   Precision Metal Film Resistor
logo
Stackpole Electronics, ...
CSRT-AS SEI-CSRT-AS Datasheet
322Kb / 7P
   Anti-sulfur Metal Film Low Resistance Chip Resistor
5/20/2022
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com