Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDE-14D112K Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # MDE-14D112K
Description  Metal Oxide Varistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MDE-14D112K Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  MDE-14D112K Datasheet HTML 1Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MDE Semiconductor, Inc. Circuit Protection Products
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-241
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
Metal Oxide Varistors
Standard D Series 14 mm Disc
Rated
Power
Typical
Capacitance
(Reference)
ACrms
(v)
DC
(v)
V@50A
(v)
Ip
(A)
10/1000
(µs)
(J)
2ms
(J)
1 time
(A)
2 times
(A)
(w)
1kHz
(pF)
MDE-14D180M
18
16-20
11
14
•36
10
5.2
3.3
2000
1000
0.1
25,000
MDE-14D220M
22
20-24
14
18
•43
10
6.3
5.3
2000
1000
0.1
20,000
MDE-14D270K
27
24-30
17
22
•53
10
7.8
6.5
2000
1000
0.1
16,000
MDE-14D330K
33
30-36
20
26
•65
10
9.5
7.9
2000
1000
0.1
12,200
MDE-14D390K
39
35-43
25
31
•77
10
11
9.4
2000
1000
0.1
7,000
MDE-14D470K
47
42-52
30
38
•93
10
14
11
2000
1000
0.1
6,750
MDE-14D560K
56
50-62
35
45
•110
10
16
13
2000
1000
0.1
6,500
MDE-14D680K
68
61-75
40
56
•135
10
20
16
2000
1000
0.1
5,500
MDE-14D820K
82
74-90
50
65
135
50
28.0
20.0
6000
5000
0.60
4,300
MDE-14D101K
100
90-110
60
85
165
50
35.0
25.0
6000
5000
0.60
3,500
MDE-14D121K
120
108-132
75
100
200
50
42.0
30.0
6000
5000
0.60
2,500
MDE-14D151K
150
135-165
95
125
250
50
53.0
37.5
6000
5000
0.60
2,100
MDE-14D181K
180
162-198
115
150
300
50
65.0
42.0
6000
5000
0.60
1,250
MDE-14D201K
200
185-225
130
170
340
50
70.0
50.0
6000
5000
0.60
1,150
MDE-14D221K
220
198-242
140
180
360
50
78.0
55.0
6000
5000
0.60
1,050
MDE-14D241K
240
216-264
150
200
395
50
84.0
60.0
6000
5000
0.60
1,050
MDE-14D271K
270
247-303
175
225
455
50
99.0
70.0
6000
5000
0.60
1,000
MDE-14D301K
300
270-330
195
250
500
50
108.0
78.0
6000
5000
0.60
900
MDE-14D331K
330
297-363
210
275
550
50
115.0
80.0
6000
5000
0.60
850
MDE-14D361K
360
324-396
230
300
595
50
130.0
90.0
6000
5000
0.60
850
MDE-14D391K
390
351-429
250
320
650
50
140.0
110.0
6000
5000
0.60
800
MDE-14D431K
430
387-473
275
350
710
50
155.0
110.0
6000
5000
0.60
650
MDE-14D471K
470
423-517
300
385
775
50
175.0
125.0
6000
5000
0.60
550
MDE-14D511K
510
459-561
320
410
845
50
190.0
136.0
6000
5000
0.60
450
MDE-14D561K
560
504-616
350
460
915
50
190.0
136.0
5000
4500
0.60
400
MDE-14D621K
620
558-682
385
505
1025
50
190.0
136.0
5000
4500
0.60
350
MDE-14D681K
680
612-748
420
560
1120
50
190.0
136.0
5000
4500
0.60
350
MDE-14D751K
750
657-825
460
615
1240
50
210.0
150.0
5000
4500
0.60
330
MDE-14D781K
780
702-858
485
640
1290
50
225.0
160.0
5000
4500
0.60
330
MDE-14D821K
820
738-902
510
670
1355
50
235.0
165.0
5000
4500
0.60
330
MDE-14D911K
910
819-1001
550
745
1500
50
255.0
180.0
5000
4500
0.60
300
MDE-14D951K
950
855-1045
575
765
1580
50
270.0
190.0
5000
4500
0.60
300
MDE-14D102K
1000
900-1100
625
825
1650
50
280.0
200.0
5000
4500
0.60
300
MDE-14D112K
1100
990-1210
680
895
1815
50
310.0
220.0
6000
4500
0.60
200
MDE-14D182K
1800 1620-1980 1000
1465
2970
50
510.0
360.0
5000
4500
0.60
150
•The clamping voltage from 180K to 680K
is tested with current @ 10A.
Max Peak
Current
(8/20 µ S)
Maximum
Allowable
Voltage
PART
NUMBER
Varistor
Voltage
V@1mA
(v)
Energy
Max Clamping
Voltage
(8/20 µ S)


Similar Part No. - MDE-14D112K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDE-14D112K ETC-MDE-14D112K Datasheet
74Kb / 1P
   METAL OXIDE VARISTORS
More results

Similar Description - MDE-14D112K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com