Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC220CA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # 1.5SMC220CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

1.5SMC220CA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  1.5SMC220CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 1.5SMC220CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 1.5SMC220CA Datasheet HTML 3Page - MDE Semiconductor, Inc. 1.5SMC220CA Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Excellent clamping capability
• Repetition Rate(duty cycle):0.05%
Volts to BV min.
• Typical IR less than 1mA above 10V
• High temperature soldering: 250°C/10 seconds at terminals
MECHANICAL DATA
Dimensions in inches and (millimeters)
Case: JEDEC DO214AB. Molded plastic over glass passivated junction
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode) except Bidirectional
Standard Packaging: 16mm tape(EIA STD RS-481)
Weight: 0.007ounce, 0.21gram
Ratings at 25℃ ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
PPPM
Minimum
1500
Watts
IPPM
SEE TABLE 1 Amps
TJ , TSTG
-55 to + 150
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25℃ per Fig. 2 .
2.Mounted on 8.0mm
2 Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Certified RoHS Compliant
UL File # E223026
1500 Watt Peak Pulse Power
RATING
IFSM
200
Amps
Operating junction and Storage Temperature Range
• Fast response time: typically less than 1.0ps from 0
• For surface mounted applications in order to
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Peak Pulse Power Dissipation on 10/1000µs waveform (Note 1,FIG.1)
Superimposed on Rated Load,(JEDEC Method) (Note 3)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MAXIMUM RATINGS AND CHARACTERISTICS
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use Suffix CA for types 1.5SMC6.8CA thru types 1.5SMC550CA
Electrical characteristics apply in both directions
1.5SMC SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 6.8 TO 550 Volts


Similar Part No. - 1.5SMC220CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5SMC220CA LITTELFUSE-1.5SMC220CA Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Bourns Electronic Solut...
1.5SMC220CA BOURNS-1.5SMC220CA Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Weitron Technology
1.5SMC220CA WEITRON-1.5SMC220CA Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
1.5SMC220CA LUGUANG-1.5SMC220CA Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
List of Unclassifed Man...
1.5SMC220CA ETC1-1.5SMC220CA Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5SMC220CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com