Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW2CT631A103 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CW2CT631A103
Description  coat insulated, precision coat insulated miniature wirewound leaded resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CW2CT631A103 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CW2CT631A103 Datasheet HTML 1Page - KOA Speer Electronics, Inc. CW2CT631A103 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
128
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/01/08
CW, CWP
coat insulated, precision coat insulated
miniature wirewound leaded resistors
Part
Designation
Rated
Ambient
Temperature
Power
Rating
applications and ratings
T.C.R.
(ppm/°C)
Max.
CW1/4
CW1/2
CW1
CW1P
CW2
CW2P
CW3
CW3P
CW5
0.25W
0.5W
1.0W
2.0W
3.0W
1.0W
2.0W
3.0W
5.0W
±250
———
+25°C
+70°C
±90:
R
≥10Ω*
±50: R<10
Operating
Temperature
Range
-40°C
to
+155°C
1 - 100
1 - 390
1 - 390
0.47 - 220
0.47 - 390
0.47 - 390
0.1 - 430
0.1 - 390
0.47 - 15
0.1 - 100
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
E-24, E-96
(C±0.25%)
E-24, E-96
(D±0.5%)
E-24, E-96
(F±1%)
E-24
(G±2%)
E-24
(J±5%)
Resistance Range (
Ω)
Derating Curve
environmental applications
100
80
60
40
20
-40
0
4080120280
Ambient Temperature
(°C)
0
70
160
275
200240
155
CW
100
80
60
40
20
-40
0
4080120280
Ambient Temperature
(°C)
0
25
160
275
200240
155
CWP
Surface Temperature Rise
300
250
200
150
0255075
% Rated Power
0
100
50
CW1/4
100
CW1/2
CW1, CW1P
CW2, CW2P
CW3, CW3P
CW5
Resistance
T.C.R.
25°C
CW: Room temperature/100°C up
CWP: +25°C/-40°C and +25°C/+155°C
Within regulated tolerance
±250ppm/°C: CW
±90, 20ppm/°C: CWP, R
≥10
±50ppm/°C: CWP, R<10
Performance Characteristics
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Overload (Short Time)
CW,CWX,CW1S: Power rating x 10 for 5 seconds
CWP: Power rating x 6.25 for 5 seconds
CWP:R<10
Ω: Power rating x 5 for 5 seconds*
1: CW,CWX
0.5: CWP
2: CW1S
0.2: CWP(R<10
Ω)*
0.8: CW,CWX 0.4: CWP
1.8: CW1S
0.18:CWP(R<10
Ω)
Resistance to Solder Heat
350°C ± 10°C for 3.5 seconds or 260°C ± 5°C
for 10 seconds
1: CW, CW1S, CWX
0.5: CWP
0.2: CWP (R<10
Ω)*
0.8: CW, CW1S, CWX
0.4: CWP
0.18: CWP (R<10
Ω)
Moisture Resistance
Power rating x 1/10, 40°C, 90 - 95% RH, 1000 hours,
1.5 hr ON, 0.5 hr OFF cycle
5: CW, CW1S, CWX
2: CWP
0.5: CWP (R<10
Ω)*
4: CW, CW1S, CWX
1.6: CWP
0.45: CWP (R<10
Ω)
Endurance @ 70°C
70°C, 1000 hours (CW, CWX, CW1S),
25°C, 1000 hours (CWP)
1.5 hr ON, 0.5 hr OFF cycle
5: CW, CW1S, CWX
2: CWP
0.5: CWP (R<10
Ω)*
4: CW, CW1S, CWX
1.6: CWP
0.45: CWP (R<10
Ω)
Resistance to Solvent
After immersing the sample in IPA for 3 min., the resistor
surface should be wiped with a dry cloth (velvet or gauze)
No evidence of damage to
protective coating and marking
* T.C.R. = 20ppm/°C available on request
0.47 - 15
0.1 - 100
E-24
(K±10%)
CW1X
CW2X
CW3X
CW1S
1.0W
2.0W
3.0W
1.0W
±500
———
0.01 - 0.091
0.01 - 0.091
0.01 - 0.091
0.1 - 100
0.01 - 0.091
0.01 - 0.091
0.01 - 0.091
0.1 - 100
±250
———
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 126


Similar Part No. - CW2CT631A103

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW20 WELWYN-CW20 Datasheet
71Kb / 2P
   Tubular Cement Coated Wirewound Resistors
logo
M/A-COM Technology Solu...
CW2000-90-DOR MA-COM-CW2000-90-DOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
CW2000-90-DTR MA-COM-CW2000-90-DTR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
CW2000-90-OOR MA-COM-CW2000-90-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
CW2000-90-TOR MA-COM-CW2000-90-TOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
More results

Similar Description - CW2CT631A103

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
RW1NT103 KOA-RW1NT103 Datasheet
97Kb / 2P
   coat insulated miniature precision power wirewound resistors
RW12NT103J KOA-RW12NT103J Datasheet
285Kb / 2P
   coat insulated miniature precision power wirewound resistors
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
RF25CT52A100J KOA-RF25CT52A100J Datasheet
127Kb / 2P
   coat-insulated fusing resistor
RN412BT KOA-RN412BT Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
   coat-insulated fusing resistors (constant current fusing type)
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
   Insulated Precision Wirewound Resistors Axial Leads
Revision: 02-Apr-15
logo
Ultralife Corporation.
AV2125 ULTRALIFE-AV2125 Datasheet
83Kb / 1P
   Miniature Coat-Pocket (SATCOM) Antenna
23NOV10 REV:-
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com