Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP78A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 15KP78A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

15KP78A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  15KP78A Datasheet HTML 1Page - MDE Semiconductor, Inc. 15KP78A Datasheet HTML 2Page - MDE Semiconductor, Inc. 15KP78A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
15000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT IPP
(A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
15KP17A
15KP17CA
17
18.99
50
29.3
515.4
5000
15KP18A
15KP18CA
18
20.11
50
30.9
488.7
5000
15KP20A
15KP20CA
20
22.34
20
34.3
440.2
1500
15KP22A
15KP22CA
22
24.57
10
37.1
407.0
500
15KP24A
15KP24CA
24
26.81
5
40.7
371.0
150
15KP26A
15KP26CA
26
29.04
5
44.0
343.2
50
15KP28A
15KP28CA
28
31.28
5
47.5
317.9
25
15KP30A
15KP30CA
30
33.51
5
50.7
297.8
15
15KP33A
15KP33CA
33
36.90
5
54.7
276.1
10
15KP36A
15KP36CA
36
40.20
5
59.8
252.5
10
15KP40A
15KP40CA
40
44.70
5
65.8
229.5
10
15KP43A
15KP43CA
43
48.00
5
69.8
216.3
10
15KP45A
15KP45CA
45
50.30
5
72.8
207.4
10
15KP48A
15KP48CA
48
53.60
5
77.7
194.3
10
15KP51A
15KP51CA
51
57.00
5
82.8
182.1
10
15KP54A
15KP54CA
54
60.30
5
87.7
172.2
10
15KP58A
15KP58CA
58
64.80
5
93.8
161.0
10
15KP60A
15KP60CA
60
67.00
5
97.4
155.0
10
15KP64A
15KP64CA
64
71.50
5
104.2
144.9
10
15KP70A
15KP70CA
70
78.20
5
113.6
132.9
10
15KP75A
15KP75CA
75
83.80
5
122.0
123.8
10
15KP78A
15KP78CA
78
87.10
5
126.1
119.7
10
15KP85A
15KP85CA
85
94.90
5
137.6
109.7
10
15KP90A
15KP90CA
90
100.50
5
145.6
103.7
10
15KP100A 15KP100CA
100
111.70
5
161.3
93.6
10
15KP110A 15KP110CA
110
122.90
5
178.6
84.5
10
15KP120A 15KP120CA
120
134.00
5
192.3
78.5
10
15KP130A 15KP130CA
130
145.20
5
208.3
72.5
10
15KP150A 15KP150CA
150
167.60
5
241.9
62.4
10
15KP160A 15KP160CA
160
178.70
5
258.6
58.4
10
15KP170A 15KP170CA
170
189.90
5
272.7
55.4
10
15KP180A 15KP180CA
180
201.10
5
288.5
52.3
10
15KP200A 15KP200CA
200
223.40
5
319.1
47.3
10
15KP220A 15KP220CA
220
245.70
5
428.6
35.2
10
15KP240A 15KP240CA
240
268.10
5
384.6
39.3
10
15KP260A 15KP260CA
260
290.40
5
416.7
36.2
10
15KP280A 15KP280CA
280
312.80
5
454.5
33.2
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com


Similar Part No. - 15KP78A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP78A EIC-15KP78A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
15KP78A DIGITRON-15KP78A Datasheet
166Kb / 4P
   15,000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP78A MICROSEMI-15KP78A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
List of Unclassifed Man...
15KP78A ETC2-15KP78A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Littelfuse
15KP78A LITTELFUSE-15KP78A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP78A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com