Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKP250A Datasheet(PDF) 4 Page - Sanken electric

Part # FKP250A
Description  N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FKP250A Datasheet(HTML) 4 Page - Sanken electric

  FKP250A Datasheet HTML 1Page - Sanken electric FKP250A Datasheet HTML 2Page - Sanken electric FKP250A Datasheet HTML 3Page - Sanken electric FKP250A Datasheet HTML 4Page - Sanken electric FKP250A Datasheet HTML 5Page - Sanken electric FKP250A Datasheet HTML 6Page - Sanken electric FKP250A Datasheet HTML 7Page - Sanken electric FKP250A Datasheet HTML 8Page - Sanken electric FKP250A Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
N-Channel MOS FET
FKP250A
June, 2007
Sanken Electric Co., Ltd.
T02-008EA-070531
Characteristic Curves
(Tc=25℃)
Re(yfs)-ID Characteristics (typical)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
ID (A)
VDS=10V
Tc=-55℃
25℃
125℃
Capacitance-VDS Characteristics (typical)
10
100
1000
10000
0
1020304050
VDS (V)
f=1MHz
VGS=0V
Ciss
Coss
Crss
IDR-VSD Characteristics (typical)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
VSD (V)
VGS=0V
10V
SAFE OPERATING AREA
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS [V]
100μs(1shot)
1ms
DC
ID(pulse) max
ID max
RDS(on) LIMITED
PD-Ta Characteristics
0
20
40
60
80
100
050
100
150
Ta (℃)
With infinite heatsink
Without heatsink
4/9


Similar Part No. - FKP250A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKP250A SANKEN-FKP250A Datasheet
314Kb / 9P
   N-Channel MOS FET
logo
Inchange Semiconductor ...
FKP250A ISC-FKP250A Datasheet
308Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FKP250A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com