Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RW5T103D Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RW5T103D
Description  coat insulated miniature precision power wirewound resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RW5T103D Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RW5T103D Datasheet HTML 1Page - KOA Speer Electronics, Inc. RW5T103D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Packaging quantity:
RW1/2 ~ RW1: 1,000 pieces
RW2 ~ RW7: 500 pieces
RW10: 300 pieces
RW
coat insulated miniature precision
power wirewound resistors
features
ordering information
±3%, ±5%: 2 significant
figures + 1 multiplier
“R” indicates decimal
on value <10
±0.5%, ±1%:
3 significant figures
+ 1 multiplier “R”
indicates decimal
on value <100
1/2: 0.5W
1: 1W
2: 2W
3: 3W
5: 5W
7: 7W
10: 10W
Nil: Standard
winding
N: Non-inductive
winding
T: Sn
D: ±0.5%
F: ±1%
H: ±3%
J: ±5%
RW
1/2
N
T
Winding
Method
Type
Power
Rating
Nominal
Resistance
Tolerance
Termination
Material
103
J
dimensions and construction
d
D
Insulation
Coating
Electrode
Cap
Lead
Wire
L
l
l
t
Ceramic Core
Resistive
Wire
RW1/2, RW1/2N
.315±.039
(8.0±1.0)
.138
+.039
-0
(1.6+1.0)
-0
.020
(0.5)
.031
(0.8)
.039
(
1.0)
1.50±.118
(38.0±3.0)
.106±.039
(2.7±1.0)
.205±.039
(5.2±1.0)
.366±.089
(9.3±1.5)
.413±.039
(10.5±1.0)
RW1, RW1N
RW2, RW2N
RW7, RW7N
Type
LD
d (nom.)
l
Dimensions inches
(mm)
.252±.039
(6.4±1.0)
.650±.039
(16.5±1.0)
RW3, RW3N
.307±.059
(7.8±1.5)
RW5, RW5N
1.81±.059
(46.0±1.5)
RW10, RW10N
.512±.039
(13.0±1.0)
1.24±.039
(31.5±1.0)
.866±.039
(22±1.0)
Pb Free
Type
EU
Resistors meeting MIL-R-26E (U and
V characteristics) and surface temperature
(hot spot) 350°C max.
Resistors with a wide range of 0.1
Ω ~ 62kΩ,
covering applications from precision to power
RW
N type resistors are non-inductive wound
and can be used in high frequency applications.
Marking: Black body color with alpha-numeric marking
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
131
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/19/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 129


Similar Part No. - RW5T103D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RW5 KOA-RW5 Datasheet
285Kb / 2P
   coat insulated miniature precision power wirewound resistors
logo
List of Unclassifed Man...
RW5 ETC-RW5 Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
logo
Sanken electric
RW54 SANKEN-RW54 Datasheet
329Kb / 7P
   Schottky Barrier Diode
RW54 SANKEN-RW54 Datasheet
335Kb / 7P
   Schottky Barrier Diode
RW54 SANKEN-RW54_07 Datasheet
334Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - RW5T103D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
RW12NT103J KOA-RW12NT103J Datasheet
285Kb / 2P
   coat insulated miniature precision power wirewound resistors
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
logo
Vishay Siliconix
G00310R00FS7080 VISHAY-G00310R00FS7080 Datasheet
197Kb / 3P
   Wirewound Resistors, Miniature, Industrial, Precision Power
logo
KOA Speer Electronics, ...
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
   Insulated Precision Wirewound Resistors Axial Leads
Revision: 02-Apr-15
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
   Precision Wirewound Resistors
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
   Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
   Precision Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com