Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ36A Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # 3.0SMCJ36A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

3.0SMCJ36A Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  3.0SMCJ36A Datasheet HTML 1Page - MDE Semiconductor, Inc. 3.0SMCJ36A Datasheet HTML 2Page - MDE Semiconductor, Inc. 3.0SMCJ36A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• For surface mounted applications in order to
optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Excellent clamping capability
• Repetition rate (duty cycle):0.01%
• Fast response time: typically less than
1.0 ps from 0 volts to BV for unidirectional types
• Typical IR less than 1µA above 10V
• High temperature soldering:
250°C/10 seconds at terminals
• Plastic package has Underwriters Laboratory
Flammability Classification 94 V-O
MECHANICAL DATA
Case: JEDEC DO214AB. Molded plastic over glass
passivated junction
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bidirectional
Standard Packaging: 16mm tape (EIA STD RS-481)
Weight: 0.007 ounces, 0.021 grams)
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 µs
waveform (NOTE 1, 2, Fig.1)
IPPM
SEE TABLE 1
Amps
Superimposed on Rated Load, (JEDEC Method)(Note2, 3)
Operatings and Storage Temperature Range
TJ, TSTG
-55 +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2.
2. Mounted on 8.0mm x 8.0mm Copper Pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum.
Certified RoHS Compliant
UL File # E223026
Electrical characteristics apply in both directions.
P
PPM
Minimum 3000
Watts
Peak Pulse Current of on 10/1000 µs waveform (Note 1,Fig 3)
IFSM
300
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MDE Semiconductor, Inc.
MAXIMUM RATINGS AND CHARACTERISTICS
DEVICES FOR BIPOLAR APPLICATIONS
3.0SMCJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-5.0 TO 170 Volts
3000 Watt Peak Pulse Power
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
For Bidirectional use C or CA Suffix for types 3.0SMCJ5.0 thru types 3.0SMCJ170 (e.g. 3.0SMCJ5.0C, 3.0SMCJ170CA)


Similar Part No. - 3.0SMCJ36A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ36A WTE-3.0SMCJ36A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
First Components Intern...
3.0SMCJ36A FCI-3.0SMCJ36A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
3.0SMCJ36A WTE-3.0SMCJ36A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
3.0SMCJ36A FORMOSA-3.0SMCJ36A Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
3.0SMCJ36A TSC-3.0SMCJ36A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ36A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com