Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAH-03C250 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRAH-03C250
Description  NON-ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-03C250 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRAH-03C250 Datasheet HTML 1Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 Vdc Input
0.9 Vdc - 2.5 Vdc/3 A Output
Non-Isolated
• OCP/SCP
High Efficiency
• Wide Range Trim
Low Cost
Remote On/Off
Excellent Thermal Performance
Industrial Temperature Range
Input Under Voltage Lockout
UL60950-1 Recognized (UL/cUL)
Description
The Bel xRAH-03C1A0 modules are a series of non-isolated, step down dc/dc converters that operate from a
nominal 3.3 Vdc source. These converters are available in a range of output voltages from 0.9 Vdc to 2.5 Vdc. It
is packaged in a compact, overmolded package rated at 3 A. Optional lead forming provides a vertical mount
product for minimal footprint or a surface mount option for a very low profile. The output is closely regulated and
the efficiency for 2.5 Vdc output is typically 93% at full load. Typical features include remote on/off, input under
voltage lockout, over current protection and short circuit protection.
Part Selection
Output Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
0.9 Vdc - 2.5 Vdc
3.3 Vdc
3 A
7.5 W
93%
SRAH-03C1A0
VRAH-03C1A0
2.5 Vdc
3.3 Vdc
3 A
7.5 W
93%
SRAH-03C250
VRAH-03C250
1.8 Vdc
3.3 Vdc
3 A
5.4 W
89%
SRAH-03C180
VRAH-03C180
1.5 Vdc
3.3 Vdc
3 A
4.5 W
87%
SRAH-03C150
VRAH-03C150
1.2 Vdc
3.3 Vdc
3 A
3.6 W
84%
SRAH-03C120
VRAH-03C120
0.9 Vdc
3.3 Vdc
3 A
2.7 W
81%
SRAH-03C090
VRAH-03C090
Notes:
1. Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
6 V
Output Enable Terminal Voltage
-0.3 V
-
6 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
3 V
-
3.6 V
Input Current (no load)
-
-
110mA
Input Current (full load)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
-
-
-
-
-
3.1 A
2.3 A
1.9 A
1.6 A
1.2 A
Remote Off Input Current
-
7 mA
14 mA
xRAH-03C Series
RoHS Compliant
Rev.A


Similar Part No. - SRAH-03C250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-03C250 BEL-SRAH-03C250 Datasheet
196Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-03C250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com