Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAH-03C250 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRAH-03C250
Description  NON-ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-03C250 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRAH-03C250 Datasheet HTML 1Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-03C250 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 Vdc Input
0.9 Vdc - 2.5 Vdc/3 A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Ripple and Noise (rms)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
10 mV
10 mV
10 mV
10 mV
10 mV
20 mV
20 mV
20 mV
20 mV
20 mV
Ripple and Noise (pk-pk)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
45 mV
45 mV
45 mV
45 mV
45 mV
70 mV
70 mV
70 mV
70 mV
70 mV
Test conditions:
0-20 MHz BW; 0.1 uF ceramic
capacitor and
10 uF tantalum capacitor at the
output.
Turn on Time
-
7 mS
15 mS
Overshoot at Turn on
-
0%
1%
Output Capacitance
0 uF
-
1200 uF
Transient Response
Overshoot
-
100 mV
130 mV
50% ~ 100%
Max Load
Settling Time
-
30 uS
60 uS
Overshoot
-
100 mV
130 mV
100% ~ 50%
Max Load
Settling Time
VO=2.5 V
-
30 uS
60 uS
Overshoot
-
100 mV
130 mV
50% ~ 100%
Max Load
Settling Time
-
30 uS
60 uS
Overshoot
-
100 mV
130 mV
100% ~ 50%
Max Load
Settling Time
VO=1.8 V
-
30 uS
60 uS
Overshoot
-
90 mV
120 mV
50% ~ 100%
Max Load
Settling Time
-
30 uS
60 uS
Overshoot
-
90 mV
120 mV
100% ~ 50%
Max Load
Settling Time
VO=1.5 V
-
30 uS
60 uS
Overshoot
-
90 mV
120 mV
50% ~ 100%
Max Load
Settling Time
-
30 uS
60 uS
Overshoot
-
90 mV
120 mV
100% ~ 50%
Max Load
Settling Time
VO=1.2 V
-
30 uS
60 uS
Overshoot
-
90 mV
120 mV
50% ~ 100%
Max Load
Settling Time
-
30 uS
60 uS
Overshoot
-
90 mV
120 mV
100% ~ 50%
Max Load
Settling Time
VO=0.9 V
-
30 uS
60 uS
Test conditions:
di/dt=0.5 A/us, Vin=3.3 V,
without any external
capacitor at the output.
Note:
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.


Similar Part No. - SRAH-03C250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-03C250 BEL-SRAH-03C250 Datasheet
196Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-03C250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com