Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZX3V0C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TZX3V0C
Description  Silicon Epitaxial Planar Z-Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZX3V0C Datasheet(HTML) 1 Page - Vishay Siliconix

  TZX3V0C Datasheet HTML 1Page - Vishay Siliconix TZX3V0C Datasheet HTML 2Page - Vishay Siliconix TZX3V0C Datasheet HTML 3Page - Vishay Siliconix TZX3V0C Datasheet HTML 4Page - Vishay Siliconix TZX3V0C Datasheet HTML 5Page - Vishay Siliconix TZX3V0C Datasheet HTML 6Page - Vishay Siliconix TZX3V0C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TZX...
Vishay Telefunken
Rev. 2, 01-Apr-99
1 (7)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85614
Silicon Epitaxial Planar Z–Diodes
Features
D Very sharp reverse characteristic
D Low reverse current level
D Very high stability
D Low noise
D Available with tighter tolerances
Applications
Voltage stabilization
94 9367
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
l=4mm, TL=25°C
PV
500
mW
Z–current
IZ
PV/VZ
mA
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
300
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.5
V


Similar Part No. - TZX3V0C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TZX3V0C DIODES-TZX3V0C Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Vishay Siliconix
TZX3V0C VISHAY-TZX3V0C Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
TZX3V0C VISHAY-TZX3V0C Datasheet
100Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 22-Nov-11
TZX3V0C VISHAY-TZX3V0C Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
TZX3V0C VISHAY-TZX3V0C Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Similar Description - TZX3V0C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZM55B VISHAY-BZM55B Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com