Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPC5CT52R102K Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # HPC5CT52R102K
Description  ceramic fixed power type leaded resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HPC5CT52R102K Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  HPC5CT52R102K Datasheet HTML 1Page - KOA Speer Electronics, Inc. HPC5CT52R102K Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
122
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
HPC/PCF
ceramic fixed power type leaded resistor
Derating Curve
environmental applications
100
80
60
40
20
-60 -40 -20
0
406080100180
20
Ambient Temperature
(°C)
0
120 140 160
200
70
Performance Characteristics
Parameter
Requirement
Limit
Typical
Test Method
Within regulated
to tolerance
Resistance
T.C.R
HPC: -900±300x10-6/K:
R<100
-1200±300x10-6/K:R
≥100Ω
PCF: -900±300:R<100
-1300±300:R>100
+25°C/-40°C and +25°C/+125°C
Voltage Coefficient
(Apply for over 1k
Ω)
0~-0.2%/V (HPC1/2, PCF)
0~-0.1%/V (HPC1)
0~-0.05%/V (HPC2,3,4,5)
Rated voltage and rated voltage x 10%
Resistance
Measurement voltage
3.3
Ω~8.2Ω
0.3V
10
Ω~82Ω
1.0V
100
Ω~390kΩ
3.0V
Overload
2
0.4
Resistance to pulse
5—
Rated voltage x 2.5 or maximum overload voltage for 5s, whichever less
The resistor mounted to the test circuit as below.
1 sec. ON and 1 sec. OFF. 20,000 cycles.
The voltage is applied with maximum pulse voltage.
Resistance to soldering heat
2
0.8
350°C±10°C, 3.5s±0.5s
Rapid change of temperature
2
0.4
-40°C(30min.)/+85°C(30min.), 5 cycles
Moisture resistance
5
0.6
40°C±2°C, 90%~95%RH, 1000h, 1.5h ON/0, 5h OFF cycles
Load life
5
0.4
HPC: 40°C±2°C, 1000h, 1.5h ON/0, 5h OFF cycles
PCF: 70°C±3°C, 1000h, 1.5h ON/0, 5h OFF cycles
SW
C=1.000pF
1 sec ON
1 sec OFF
10k ‰
DC
(Max. pulse
voltage)
Rx
Absolute
Maximum
Overload
Voltage
Resistance
Tolerance
Absolute
Maximum
Working
Voltage
Part
Designation
Absolute
Maximum
Pulse
Voltage*
Power
Rating
@ 70°C
applications and ratings
Minimum
Dielectric
Withstanding
Voltage
Resistance
Range
E-12 (±10%)
E-6 (±20%)
HPC1/2
HPC1
HPC2
0.5W
1.0W
2.0W
200V
300V
400V
10
Ω - 390KΩ
(+10%)
3.3
Ω - 330KΩ
(+20%)
200V
300V
400V
K: ±10%
M: ±20%
T.C.R.
(ppm/°C)
-900±300:
R<100
-1200±300:
R
≥100Ω
400V
8kV
600V
15kV
800V
25kV
Operating
Temperature
Range
-40°C
to
+200°C
* Resistance to pulse: change shall be ±5% of the pre-test values. 1 sec. ON, 1 second OFF, 20,000 cycles. The voltage is applied with maximum pulse voltage.
HPC3
HPC4
HPC5
3.0W
4.0W
5.0W
450V
500V
550V
450V
500V
550V
900V
25kV
1000V
25kV
1100V
25kV
PCF1/2
PCF1
PCF2
0.5W
1.0W
2.0W
500V
700V
4.7
Ω - 100KΩ
3.3
Ω - 390KΩ
200V
300V
400V
-900±300:
R<100
-1300±300:
R<100
400V
10kV
600V
14kV
800V
20kV
1733 Reader's Spreads pg1-203:document
1/27/09
4:09 PM
Page 120


Similar Part No. - HPC5CT52R102K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HPC5CT52R102K KOA-HPC5CT52R102K Datasheet
323Kb / 2P
   ceramic fixed power type leaded resistor
More results

Similar Description - HPC5CT52R102K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HPC2C393K KOA-HPC2C393K Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
HPC1C102K KOA-HPC1C102K Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
PCF12CT631R102K KOA-PCF12CT631R102K Datasheet
323Kb / 2P
   ceramic fixed power type leaded resistor
RCR25C KOA-RCR25C Datasheet
96Kb / 2P
   anti-surge power type leaded resistor
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
   metal oxide power type leaded resistor
RCR50ENCT52A105J KOA-RCR50ENCT52A105J Datasheet
255Kb / 2P
   anti-surge power type leaded resistor
CPCN KOA-CPCN Datasheet
352Kb / 2P
   fixed ceramic melf resistor
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
   fixed ceramic melf resistor
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com