Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR73D2BTTER10F Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # UR73D2BTTER10F
Description  current sensing chip resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

UR73D2BTTER10F Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  UR73D2BTTER10F Datasheet HTML 1Page - KOA Speer Electronics, Inc. UR73D2BTTER10F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UR73
UR73D
36
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
UR73
current sensing chip resistor
features
Very low resistance, high precision reliability
Suitable for reflow and flow soldering
Utilization of thick film
Low T.C.R. achieved (±100 ppm/°C)
Marking: Indigo body color with white marking
Products with lead-free terminations meet
EU RoHS requirements
ordering information
F: ±1%
T: Sn
All values less than
0.1
Ω (100mΩ) are
expressed in m
Ω with
“L” as decimal.
Ex: 20m
Ω = 20L0
1E: 0.125W
1J: 0.2W
2A: 0.25W
2B: 0.5W
2H: 0.75W
3A: 1W
TP: 2mm pitch
punch paper
(1E)
TD: 7" punched
paper tape
(1J, 2A, 2B)
TE: 7" embossed plastic
(2H, 3A)
UR73
Type
Power Rating
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
2A
TD
R10
F
T
For further information on packaging, please refer to Appendix A.
dimensions and construction
Size
Code
.126±.008
(3.2±0.2)
.079±.008
(2.0±0.2)
.024±.004
(0.6±0.1)
.02±.004
(0.55±0.1)
.020±.012
(0.5±0.3)
.016±.008
(0.4±0.2)
.063±.008
(1.6±0.2)
.049±.008
(1.25±0.2)
2A
2B
b
a
h
W
L
Dimensions inches
(mm)
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Ni
Plating
L
a
a
W
h
b
30m ~ 100m
33m ~ 100m
Resistance
Range
.079±.008
(2.0±0.2)
.063±.008
(1.6±0.2)
.022±.004
(0.55±0.1)
.02±.004
(0.5±0.1)
.016±.008
(0.4±0.2)
.014±.004
(0.35±0.1)
.049±.008
(1.25±0.2)
.031 +.005
-.004
(0.8 +0.15)
-0.1
D1J
D2A
.022±.004
(0.55±0.1)
10m ~ 16m
18m ~ 30m
10m ~ 27m
30m ~ 100m
.126±.008
(3.2±0.2)
.024±.004
(0.6±0.1)
.020±.008
(0.5±0.2)
.063±.008
(1.6±0.2)
D2B
10m ~ 16m
18m ~ 27m
.014±.004
(0.35±0.1)
.024±.008
(0.6±0.2)
.02±.008
(0.5±0.2)
.039±.008
(1.0±0.2)
.031±.008
(0.8±0.2)
.248±.008
(6.3±0.2)
.024±.004
(0.6±0.1)
.031±.012
(0.8±0.3)
.122±.008
(3.1±0.2)
D3A
10m ~ 30m
33m ~ 100m
.079±.012
(2.0±0.3)
.031±.012
(0.8±0.3)
.197±.008
(5.0±0.2)
.026±.004
(0.65±0.1)
.026±.012
(0.65±0.3)
.098±.008
(2.5±0.2)
D2H
10m ~ 30m
33m ~ 100m
.063±.012
(1.6±0.3)
.026±.012
(0.65±0.3)
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Ni
Plating
L
a
a
W
h
b
Solder
Plating
UR73
UR73D
.039 +.004
-.002
(1.0 +0.1)
-0.05
.016±.002
(0.4±0.05)
.010±.004
(0.25±0.1)
.020 +.004
-.002
(0.5 +0.1)
-0.05
D1E
.012±.004
(0.3±0.1)
24m ~ 100m
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 34


Similar Part No. - UR73D2BTTER10F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR73D2BTTD10L0F KOA-UR73D2BTTD10L0F Datasheet
992Kb / 2P
   THICK FILM (LOW RESISTANCE)
UR73D2BTTDR10F KOA-UR73D2BTTDR10F Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73D2BTTPR10F KOA-UR73D2BTTPR10F Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
More results

Similar Description - UR73D2BTTER10F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
   Current Sensing Chip Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com