Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR100C Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RCR100C
Description  anti-surge power type leaded resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RCR100C Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RCR100C Datasheet HTML 1Page - KOA Speer Electronics, Inc. RCR100C Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RCR
anti-surge power type leaded resistor
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
0
406080100160
70
20
Ambient Temperature
(°C)
0
-55
120
155
-20
140
PMS 300 neg.
Black neg.
Notice of Surge Load
Surge withstanding load voltage for the resistors cannot be guarantee when
the undermentioned 4 items get to a remarkable overload in comparison
with the conditions shown by surge withstanding voltage in Anti-surge
characteristics. Please contact KOA in advance if such a case is anticipated.
1. Peck voltage to be applied
2. Pulse width
3. Conditions of protecting insulation around the resistor
4. Situation of proximity conductivity object
For example: In the figure, a metal wire is placed
less than 5mm away from the resistor body,
there is such a case that causes an electric
discharge by a surge load 10kV and then
destroys the outer coating.
Discharge
10kV
About 5mm
Metal Wire
Resistance
Measuring points are 10mm ± 1mm from the end cap
Within regulated tolerance
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second or 350°C ± 10°C,
3.5 seconds ± 0.5 seconds
1
0.5
Terminal Strength
Twist 360°, 5 times
No mechanical damage
Rapid Change of Temperature
-55°C (30 minutes)/+155°C (30 minutes), 5 cycles
1
0.5
Endurance @ 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
5
2.5
Surge Withstanding
10
2.5
Moisture Resistance
40°C ± 2°C, 90-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
RCR16, 25, 50 (+), 60: W; RCR75, 100: Wx0.1
5
2.5
EN60065 Test
(RCR50EN, RCR60 only)
Discharge test: 10kV, 1000pF capacitor discharge pulse,
50 times (1 pulse/5 seconds maximum)
20
Resistance to Solvent
Isopropyl alcohol with ultrasonic washing, 2 minutes
Power: 0.3W/cm2, f: 28kHz, Temperature: 35°C ± 5°C
Discharge test: 2kV - 10kV, 0.01µF capacitor discharge
pulse, 10 times (1 pulse/5 seconds maximum)
No visible damage to protective coating
and marking
Overload
Rated voltage x 2.5 or maximum overload voltage
for 5 seconds, whichever is less
1
0.5
T.C.R.
Room temperature/100°C up
Performance Characteristics
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
100k
Ω - 5.1MΩ
Resistance Range
T.C.R.
±200ppm/°C
100k
Ω - 33MΩ
±350ppm/°C
3.3
Ω - 91kΩ
±500ppm/°C
100k
Ω - 33MΩ
±350ppm/°C
100k
Ω - 56MΩ
±350ppm/°C
RCR50 (+)
RCR60
RCR75
RCR16
RCR25
Type
100k
Ω - 33MΩ
±350ppm/°C
RCR50EN
100k
Ω - 100MΩ
±350ppm/°C
470k
Ω - 33MΩ
±350ppm/°C
RCR100
RCR50EN,
RCR60, RCR75,
RCR100
10kV
RCR25
3kV
RCR16
Type
Applied
Voltage
2kV
RCR50, RCR50+
3.3
Ω - 6.2Ω: 10kV
6.8
Ω - 10Ω: 7kV
11
Ω - 9.1kΩ: 5kV
10k
Ω - 91kΩ: 7kV
100k
Ω-33MΩ:10kV
115
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/06/07
1733 Reader's Spreads pg1-203:document
1/27/09
4:09 PM
Page 113


Similar Part No. - RCR100C

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RCR100 TOKEN-RCR100 Datasheet
336Kb / 3P
   RCR Anti-Surge Resistors
RCR1000 TOKEN-RCR1000 Datasheet
336Kb / 3P
   RCR Anti-Surge Resistors
More results

Similar Description - RCR100C

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RCR50ENCT52A105J KOA-RCR50ENCT52A105J Datasheet
255Kb / 2P
   anti-surge power type leaded resistor
logo
MERITEK ELECTRONICS COR...
SRC MERITEK-SRC Datasheet
474Kb / 2P
   Anti-Surge Resistor
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
   Anti-Surge Resistor
06/30/2021
logo
Bourns Electronic Solut...
CRS-A BOURNS-CRS-A Datasheet
777Kb / 5P
   High Power Anti-Surge Resistor
CRS BOURNS-CRS Datasheet
370Kb / 4P
   High Power Anti-Surge Chip Resistor
CRS-Q BOURNS-CRS-Q Datasheet
908Kb / 6P
   CRS-Q Series High Power Anti-Surge Resistor
C1753 05/17/18R
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com