Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN73901MX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN73901MX
Description  High- and Low-Side, Gate-Drive IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN73901MX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN73901MX Datasheet HTML 4Page - Fairchild Semiconductor FAN73901MX Datasheet HTML 5Page - Fairchild Semiconductor FAN73901MX Datasheet HTML 6Page - Fairchild Semiconductor FAN73901MX Datasheet HTML 7Page - Fairchild Semiconductor FAN73901MX Datasheet HTML 8Page - Fairchild Semiconductor FAN73901MX Datasheet HTML 9Page - Fairchild Semiconductor FAN73901MX Datasheet HTML 10Page - Fairchild Semiconductor FAN73901MX Datasheet HTML 11Page - Fairchild Semiconductor FAN73901MX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73901 • Rev. 1.0.0
8
Typical Characteristics (Continued)
-40
-20
0
20406080
100
120
7.5
8.0
8.5
9.0
9.5
Temperature [°C]
-40
-20
0
20406080
100
120
7.0
7.5
8.0
8.5
9.0
Temperature [°C]
Figure 16. VBS UVLO+ vs. Temperature
Figure 17. VBS UVLO- vs. Temperature
-40
-20
0
20
40
60
80
100
120
0
300
600
900
1200
1500
Temperature [°C]
-40
-20
0
20
406080
100
120
-20
-10
0
10
20
Temperature [°C]
Figure 18. High-Level Output Voltage
vs. Temperature
Figure 19. Low-Level Output Voltage
vs. Temperature
-40
-20
0
20406080
100
120
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
-40
-20
0
20406080
100
120
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
Figure 20. Logic High Input Voltage vs. Temperature
Figure 21. Logic Low Input Voltage vs. Temperature


Similar Part No. - FAN73901MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN73901MX ONSEMI-FAN73901MX Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
More results

Similar Description - FAN73901MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
logo
Fairchild Semiconductor
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
   High-Current, High & Low-Side, Gate-Drive IC
FAN7391 FAIRCHILD-FAN7391 Datasheet
524Kb / 13P
   High-Current, High & Low-Side, Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com