Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7083CMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7083CMX
Description  High Side Gate Driver with Reset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7083CMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7083CMX Datasheet HTML 1Page - Fairchild Semiconductor FAN7083CMX Datasheet HTML 2Page - Fairchild Semiconductor FAN7083CMX Datasheet HTML 3Page - Fairchild Semiconductor FAN7083CMX Datasheet HTML 4Page - Fairchild Semiconductor FAN7083CMX Datasheet HTML 5Page - Fairchild Semiconductor FAN7083CMX Datasheet HTML 6Page - Fairchild Semiconductor FAN7083CMX Datasheet HTML 7Page - Fairchild Semiconductor FAN7083CMX Datasheet HTML 8Page - Fairchild Semiconductor FAN7083CMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
www.fairchildsemi.com
FAN7083_F085 Rev. 1.0.2
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are
absolute voltages referenced to COM.
Note: 1) The thermal resistance and power dissipation rating are measured bellow conditions;
JESD51-2: Integrated Circuit Thermal Test Method Environmental Conditions - Natural convection(StillAir)
JESD51-3 : Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Package
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.-40°C <= Ta <= 125 °C
Note : 1) Guaranteed by design.
2) Duty = 0.5
Parameter
Symbol
Min.
Max.
Unit
High side floating supply offset voltage
VS
VB-25
VB+0.3
V
High side floating supply voltage
VB
-0.3
625
V
High side floating output voltage
VHO
Vs-0.3
VB+0.3
V
Supply voltage
VCC
-0.3
25
V
Input voltage for IN
VIN
-0.3
V
cc+0.3
V
Input voltage for RESET
VRESET
-0.3
V
cc+0.3
V
Power Dissipation
1)
Pd
0.625
W
Thermal resistance, junction to ambient
1)
Rthja
200
°C/W
Electrostatic discharge voltage
(Human Body Model)
VESD
1K
V
Charge device model
V
CDM
500
V
Junction Temperature
Tj
150
°C
Storage Temperature
TS
-55
150
°C
Parameter
Symbol
Min.
Max.
Unit
High side floating supply voltage
-10V Transient 0.2us
VB
V
s + 10
V
s + 20
V
High side floating supply offset voltage(DC)
VS
-5
600
V
High side floating supply offset voltage(Transient)
VS
-25 (~200ns)
-20(200ns~240ns)
-7(240ns~400ns)
600
V
High side floating output voltage
VHO
V
s
VB
V
Allowable offset voltage Slew Rate
1)
dv/dt
-
50
V/ns
Supply voltage
V CC
10
20
V
Input voltage for IN
V IN
0
Vcc
V
Input voltage for RESET
V RESET
0
Vcc
V
Switching Frequency
2)
Fs
200
KHz
Ambient Temperature
Ta
-40
125
°C


Similar Part No. - FAN7083CMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083 Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
logo
ON Semiconductor
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7083M FAIRCHILD-FAN7083M Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
FAN7083MX FAIRCHILD-FAN7083MX Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
FAN7083MX FAIRCHILD-FAN7083MX_12 Datasheet
447Kb / 19P
   High Side Gate Driver with Reset
More results

Similar Description - FAN7083CMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083_1 Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_12 Datasheet
447Kb / 19P
   High Side Gate Driver with Reset
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com