Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7080 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7080
Description  Half Bridge Gate Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7080 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7080 Datasheet HTML 1Page - Fairchild Semiconductor FAN7080 Datasheet HTML 2Page - Fairchild Semiconductor FAN7080 Datasheet HTML 3Page - Fairchild Semiconductor FAN7080 Datasheet HTML 4Page - Fairchild Semiconductor FAN7080 Datasheet HTML 5Page - Fairchild Semiconductor FAN7080 Datasheet HTML 6Page - Fairchild Semiconductor FAN7080 Datasheet HTML 7Page - Fairchild Semiconductor FAN7080 Datasheet HTML 8Page - Fairchild Semiconductor FAN7080 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.fairchildsemi.com
FAN7080_F085 Rev. 1.0.2
Statics Electrical Characteristics
Unless otherwise specified, -40°C <= Ta <= 125°C, VCC = 15V, VBS = 15V, VS = 0V, C L = 1nF.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Vcc and VBS supply Characteristics
VCC and VBS supply under voltage
positive going threshold
VCCUV+
VBSUV+
-
-
4.2
5.5
V
VCC and VBS supply under voltage
negative going threshold
VCCUV -
VBSUV-
-
2.8
3.6
-
V
VCC and VBS supply under voltage
hysteresis
VCCUVH
VBSUVH
-
0.2
0.6
-
V
Under voltage lockout response time
tduvcc
tduvbs
VCC: 6V-->2.5V or 2.5V-->6V
VBS: 6V-->2.5V or 2.5V-->6V
0.5
0.5
-
-
20
20
us
us
Offset supply leakage current
ILK
VB=VS=600V
-
20
50
uA
Quiescent VBS supply current
IQBS
VIN=0 OR 5V, V SDT = 1.2V
20
75
150
uA
Quiescent Vcc supply current
IQCC
VIN=0 OR 5, VSDT = 1.2V
-
350
1000
uA
Input Characteristics
High logic level input voltage
VIH
2.7
-
-
V
Low logic level input voltage
V IL
-
-
0.8
V
High logic level input bias current for IN
IIN+
VIN =5V
-
10
50
uA
Low logic level input bias current for IN
IIN-
VIN =0V
-
0
2
uA
VSDT dead time setting range
VDT
1.2
-
5
V
VSDT shutdown threshold voltage
VSD
-
0.8
1.2
V
High logic level resistance for SD/DT
RSDT
VSDT =5V
100
500
1100
K
Low logic level input bias current forSD/DT
ISDT-
VSDT =0V
-
1
2
uA
Output characteristics
High level output voltage, VCC -VHO
VOH(HO)
IO =0
-
-
0.1
V
Low level output voltage, VHO
VOL(HO)
IO =0
-
-
0.1
V
Output high short circuit pulse current
IO+(HO)
250
300
-
mA
Output low short circuit pulse current
IO-(HO)
500
600
-
mA
Equivalent output resistance
ROP(HO)
-
-
60
RON(HO)
-
-
30
High level output voltage, VB-V LO
VOH(LO)
IO =0
-
-
0.1
V
Low level output voltage, VLO
VOL(LO)
IO =0
-
-
0.1
V
Output high short circuit pulse current
IO+(LO)
250
-
-
mA
Output low short circuit pulse current
IO-(LO)
500
-
-
mA
Equivalent output resistance
ROP(LO)
-
-
60
RON(LO)
-
-
30


Similar Part No. - FAN7080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7080 FAIRCHILD-FAN7080 Datasheet
330Kb / 17P
   Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
logo
Fairchild Semiconductor
FAN7080M FAIRCHILD-FAN7080M Datasheet
330Kb / 17P
   Half Bridge Gate Driver
FAN7080M-GF085 FAIRCHILD-FAN7080M-GF085 Datasheet
456Kb / 17P
   Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080M-GF085 ONSEMI-FAN7080M-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
More results

Similar Description - FAN7080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
L6393 STMICROELECTRONICS-L6393_10 Datasheet
393Kb / 19P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com