Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y5V1206JT Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # Y5V1206JT
Description  Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

Y5V1206JT Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  Y5V1206JT Datasheet HTML 1Page - KOA Speer Electronics, Inc. Y5V1206JT Datasheet HTML 2Page - KOA Speer Electronics, Inc. Y5V1206JT Datasheet HTML 3Page - KOA Speer Electronics, Inc. Y5V1206JT Datasheet HTML 4Page - KOA Speer Electronics, Inc. Y5V1206JT Datasheet HTML 5Page - KOA Speer Electronics, Inc. Y5V1206JT Datasheet HTML 6Page - KOA Speer Electronics, Inc. Y5V1206JT Datasheet HTML 7Page - KOA Speer Electronics, Inc. Y5V1206JT Datasheet HTML 8Page - KOA Speer Electronics, Inc. Y5V1206JT Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
KOA SPEER
KOA SPEER ELECTRONICS, INC.
TN-196 R12
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 13
8.
X7R Capacitance Voltage Availability
Capacitance values
pF
µF
Cap. Code
Size
0402*
0603*
0805
1206
1210
16
(C)
25
(E)
50
(H)
16
(C)
25
(E)
50
(H)
16
(C)
25
(E)
50
(H)
100
(I)
200
(J)
16
(C)
25
(E)
50
(H)
100
(I)
200
(J)
50
(H)
100
(I)
200
(J)
10
(A)
10
(A)
10
(A)
* IR and vapor phase solder only recommended
Capacitance tolerance available: ±10%
10
(A)
100
.0001
101
120
.00012
121
150
.00015
151
180
.00018
181
220
.00022
221
270
.00027
271
330
.00033
331
390
.00039
391
470
.00047
471
560
.00056
561
680
.00068
681
820
.00082
821
1000
.0010
102
1200
.0012
122
1500
.0015
152
1800
.0018
182
2200
.0022
222
2700
.0027
272
3300
.0033
332
3900
.0039
392
4700
.0047
472
5600
.0056
562
6800
.0068
682
8200
.0082
822
10000
.010
103
12000
.012
123
15000
.015
153
18000
.018
183
22000
.022
223
27000
.027
273
33000
.033
333
39000
.039
393
47000
.047
473
56000
.056
563
68000
.068
683
82000
.082
823
100000
.100
104
120000
.120
124
150000
.150
154
180000
.180
184
220000
.220
224
270000
.270
274
330000
.330
334
390000
.390
394
470000
.470
474
560000
.560
564
680000
.680
684
1000000
1.00
105
1200000
1.20
125
1500000
1.50
155
1800000
1.80
185
2200000
2.20
225
3900000
3.90
395
4700000
4.70
475
TN-196 R12
1/25/07
9:45 AM
Page 5


Similar Part No. - Y5V1206JT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
Y5V1206ATTD101B KOA-Y5V1206ATTD101B Datasheet
161Kb / 6P
   ceramic chip capacitors
Y5V1206ATTD101C KOA-Y5V1206ATTD101C Datasheet
161Kb / 6P
   ceramic chip capacitors
Y5V1206ATTD101D KOA-Y5V1206ATTD101D Datasheet
161Kb / 6P
   ceramic chip capacitors
Y5V1206ATTP101B KOA-Y5V1206ATTP101B Datasheet
161Kb / 6P
   ceramic chip capacitors
Y5V1206ATTP101C KOA-Y5V1206ATTP101C Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - Y5V1206JT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com