Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3708EUH Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3708EUH
Description  Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3708EUH Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3708EUH Datasheet HTML 2Page - Linear Technology LTC3708EUH Datasheet HTML 3Page - Linear Technology LTC3708EUH Datasheet HTML 4Page - Linear Technology LTC3708EUH Datasheet HTML 5Page - Linear Technology LTC3708EUH Datasheet HTML 6Page - Linear Technology LTC3708EUH Datasheet HTML 7Page - Linear Technology LTC3708EUH Datasheet HTML 8Page - Linear Technology LTC3708EUH Datasheet HTML 9Page - Linear Technology LTC3708EUH Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC3708
6
3708fb
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Current Sense
Threshold vs VRNG Voltage
Maximum Current Sense
Threshold vs Temperature
Load Regulation
(Figure 13 Circuit)
Error Amplifier gm
vs Temperature
SENSE Pin Input Current
vs Temperature
RUN/SS Pin Current
vs Temperature
Feedback Voltage vs RUN/SS
(Soft-Start)
RUN/SS Latch-Off Thresholds
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
VRNG VOLTAGE (V)
0.5
350
300
250
200
150
100
50
0
1.25
1.75
3708 G13
0.75
1
1.5
2
TEMPERATURE (°C)
–50
140
150
160
25
75
150
3708 G14
130
120
110
–25
0
50
100 125
VRNG = 1V
LOAD CURRENT (A)
0
–0.2
–0.1
0
12
3708 G15
–0.3
–0.4
369
15
–0.5
–0.6
–0.7
FORCED
CONTINUOUS
MODE
DISCONTINUOUS
MODE
TEMPERATURE (°C)
–50
1.0
1.1
1.2
1.3
1.4
050
100
150
3708 G16
1.5
1.6
–25
25
75
125
TEMPERATURE (°C)
–50
50
60
80
90
100
150
120
0
50
75
3708 G17
70
130
140
110
–25
25
100 125
150
ISENSE
+
ISENSE
TEMPERATURE (°C)
–50
–25
–2
0
3
0
50
75
3708 G18
–1
2
1
25
100
125
PULL-UP CURRENT
PULL-DOWN CURRENT
RUN/SS VOLTAGE (V)
1
700
600
500
400
300
200
100
0
1.75
2.25
3708 G19
1.25
1.5
2
2.5
TEMPERATURE (°C)
–50
2.0
2.5
3.0
3.5
4.0
–25
0
25
50
3708 G20
75
100 125 150
LATCHOFF ENABLE
LATCHOFF THRESHOLD
TEMPERATURE (°C)
–50
3.5
4.0
4.5
25
75
150
3708 G21
3.0
2.5
2.0
–25
0
50
100 125


Similar Part No. - LTC3708EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3708 LINER-LTC3708 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
More results

Similar Description - LTC3708EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com