Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2861IMK-3-T1 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT2861IMK-3-T1
Description  Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2861IMK-3-T1 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT2861IMK-3-T1 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AAT2861
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
ChargePump
TM
PRODUCT DATASHEET
2861.2009.02.1.2
5
www .analogictech.com
AAT2861
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
ChargePump
TM
PRODUCT DATASHEET
2861.2009.02.1.2
5
www .analogictech.com
Electrical Characteristics (continued)1
VIN = 3.6V; CIN = COUT = 2.2μF; C1 = C2 = 1μF; TA = -40°C to +85°C, unless otherwise noted. Typical values are TA =
25°C.
Symbol
Description
Conditions
Min Typ Max Units
Linear Regulators
ΔVLDO[A/B/C]/
VLDO[A/B/C]
LDOA, LDOB, LDOC Output Voltage Tolerance
ILDO = 1mA to 200mA; TA = 25°C
-1.5
1.5
%
ILDO = 1mA to 200mA;
TA = -40°C to +85°C
-3.0
3.0
%
ILDO[A/B/C](MAX) LDOA, LDOB, LDOC Load Current
200
mA
VLDO[A/B/C](DO) LDOA, LDOB, LDOC Dropout Voltage2
VLDO[A/B/C] ≥ 3.0V; ILDO = 150mA
75
150
mV
ΔVLDO/
VLDO*ΔVIN
LDOA, LDOB, LDOC Line Regulation
VIN = (VLDO[A/B/C] + 1V) to 5V
0.09
%/V
PSRR[A/B/C]
LDOA, LDOB, LDOC Power Supply Rejection Ratio
ILDO[A/B/C] = 10mA, 1kHz
50
dB
ROUT_(DCHG)
LDOA, LDOB, LDOC Auto-Discharge Resistance
20
Ω
EN/SET AS2Cwire and Logic Control
VIH
EN/SET, FL_EN, EN_LDOA, EN_LDOB/C Input High
Threshold Voltage
2.7V ≤ VIN ≤ 5.5V
1.4
V
VIL
EN/SET, FL_EN, EN_LDOA, EN_LDOB/C Input Low
Threshold Voltage
2.7V ≤ VIN ≤ 5.5V
0.4
V
IIN(LKG)
EN/SET, FL_EN, EN_LDOA, EN_LDOB/C Input Leak-
age Current
EN/SET = IN = 5V
-1
1
μA
tEN/SET(OFF)
EN/SET Input OFF Timeout
500
μs
tEN/SET(LAT)
EN/SET Input Latch Timeout
500
μs
tEN/SET(LOW)
EN/SET Input LOW Time
0.3
75
μs
tENSET(H-MIN)
EN/SET Minimum High Time
50
ns
tENSET(H-MAX)
EN/SET Maximum High Time
75
μs
1. The AAT2861 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.
2. VDO[A/B/C] is defined as VIN – LDO[A/B/C] when LDO[A/B/C] is 98% of nominal.


Similar Part No. - AAT2861IMK-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2860-1 ANALOGICTECH-AAT2860-1 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2860-2 ANALOGICTECH-AAT2860-2 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2860-3 ANALOGICTECH-AAT2860-3 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2860-4 ANALOGICTECH-AAT2860-4 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
More results

Similar Description - AAT2861IMK-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
   Power AND Lighting Management Unit
logo
Texas Instruments
LM8502 TI1-LM8502_13 Datasheet
1Mb / 72P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
[Old version datasheet]   Advanced Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
   Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
National Semiconductor ...
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
   Advanced Lighting Management Unit
logo
Texas Instruments
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
ams AG
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
   480mA Camera Lighting Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com