Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R0402KT Datasheet(PDF) 11 Page - KOA Speer Electronics, Inc.

Part # X5R0402KT
Description  Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R0402KT Datasheet(HTML) 11 Page - KOA Speer Electronics, Inc.

Back Button X5R0402KT Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R0402KT Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R0402KT Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R0402KT Datasheet HTML 8Page - KOA Speer Electronics, Inc. X5R0402KT Datasheet HTML 9Page - KOA Speer Electronics, Inc. X5R0402KT Datasheet HTML 10Page - KOA Speer Electronics, Inc. X5R0402KT Datasheet HTML 11Page - KOA Speer Electronics, Inc. X5R0402KT Datasheet HTML 12Page - KOA Speer Electronics, Inc. X5R0402KT Datasheet HTML 13Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
14. Tape and Reel Quantities
All tape and reel specifications are in compliance with RS481.
Metric dimensions will govern.
English measurements rounded and for reference only.
(1) For tape sizes 16mm and 24mm (used with chip size 3 3640) consult EIA RS-481 latest revision.
15. Reel Dimensions
0402
0603
0805
1206
1210
TE = 7" (178) Plastic
N/A
N/A
*2,000/4,000
2,000
*2,000/4,000
B = 13" (330) Plastic
N/A
N/A
10,000
10,000
10,000
T = 7" (178) Paper
15,000
4,000
4,000
4,000
4,000
D = 13" (330) Paper
N/A
10,000
10,000
10,000
10,000
* Z5U 0805 50V≥ 104pf = 2k, 1206 50V≥ 184pf = 2k, 1210 50V≥ 274pf = 2k;
Y5V 0805 50V≥ 124pf = 2k, 25V≥ 394pf = 2k, 16V≥ 474pf = 2k, 1206 25V≥ 564pf = 2k, 16V≥ 824pf = 2k, 1210 50V≥ 334pf = 2k, 25V≥ 105pf = 2k;
X7R 0805 100V≥ 123pf = 2k, 50V≥ 101pf = 2k, 16V≥ 154pf = 2k, 1206 100V≥ 393pf = 2k, 25V≥ 124pf = 2k, 16V≥ 394pf = 2k;
NPO 0805 100V≥ 391pf = 2k, 50V≥ 561pf = 2k, 1206 100V≥ 152pf = 2k, 50V≥ 152pf = 2k, 1210 100V≥ 182pf = 2k, 50V≥ 272pf = 2k
0805 Y5VCTE 225 Z , 1206 Y5VCTE 335 Z, 1210 Y5VETE 475 Z = 3k
* Drive spokes optional. If used,
asterisked dimensions apply.
C
D*
Full radius*
W1 (Measured at hub).
N (Hub dia.)
A
B*
Tape slot in core
for tape start.
0.98 (2.5) min. width,
.394 (10) min. depth.
1.575 (40) min.
Access hole at
slot location.
(Arbor hole dia.)
W2 (Measured at hub).
W3 (Includes flange
distortion at
outer edge).
Tape
A
B*
C
D*
N
W1
W2
W3
Size(1)
Max.
Min.
Min.
Min.
Max.
.311
8mm
7.0
.331
.567
(7.9 Min.)
(178)
.059
.512 ± .008
.795
1.969
(8.4
)
14.4
.429
(1.5)
(13.0 ± 0.20)
(20.2)
(50)
(10.9 Max.)
.469
12mm
12.992
.488
.724
(11.9 Min.)
(330)
(12.4
)
(18.4)
.607
(15.4 Max.)
Dimensions in inches (mm)
Dimensions in inches (mm)
± .050
- 0.0
± 1.0
- 0.0
± .078
- 0.0
± 2.0
- 0.0
KOA SPEER ELECTRONICS, INC.
TN-196 R12
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 11 OF 13
TN-196 R12
1/25/07
9:45 AM
Page 11


Similar Part No. - X5R0402KT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R0402KTTD101B KOA-X5R0402KTTD101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0402KTTD101C KOA-X5R0402KTTD101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0402KTTD101D KOA-X5R0402KTTD101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0402KTTD101F KOA-X5R0402KTTD101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0402KTTD101G KOA-X5R0402KTTD101G Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R0402KT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com