Part Name
         Description
54AC16652

 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS ( 10 Page)


TI
100% 
Zoom Out Zoom In
 
 2 page
background image
54AC16652, 74AC16652
16-BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS242A – MARCH 1990 – REVISED APRIL 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Data on the A or B bus, or both, can be stored in the internal D flip-flops by low-to-high transitions at the
appropriate clock (CLKAB or CLKBA) inputs regardless of the levels on the select-control or output-enable
inputs. When SAB and SBA are in the real-time transfer mode, it is also possible to store data without using the
internal D-type flip-flops by simultaneously enabling OEAB and OEBA. In this configuration, each output
reinforces its input. Thus, when all other data sources to the two sets of bus lines are at high impedance, each
set of bus lines remains at its last state.
The 74AC16652 is packaged in TI’s shrink small-outline package (DL), which provides twice the I/O pin count
and functionality of standard small-outline packages in the same printed-circuit-board area.
The 54AC16652 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
74AC16652 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
DATA I/O†
OPERATION OR FUNCTION
OEAB
OEBA
CLKAB
CLKBA
SAB
SBA
A1–A8
B1–B8
OPERATION OR FUNCTION
L
H
L
L
X
X
Input
Input
Isolation
L
H
↑↑
X
X
Input
Input
Store A and B data
X
H
L
X
X
Input
Unspecified‡
Store A, hold B
H
H
↑↑
X‡
X
Input
Output
Store A in both registers
L
X
L
X
X
Unspecified‡
Input
Hold A, store B
L
L
↑↑
XX‡
Output
Input
Store B in both registers
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
L
X
H
Output
Input
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real-time A data to B bus
H
H
L
X
H
X
Input
Output
Stored A data to B bus
H
L
L
L
H
H
Output
Output
Stored A data to B bus and
stored B data to A bus
† The data-output functions may be enabled or disabled by a variety of level combinations at OEAB or OEBA. Data-input functions are always
enabled; i.e., data at the bus terminals is stored on every low-to-high transition on the clock inputs.
‡ Select control = L; clocks can occur simultaneously.
Select control = H; clocks must be staggered in order to load both registers.



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LVTH166523.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
54ACT1664616-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT1664616-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT1665216-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54BCT646OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54BCT652OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74HCT646OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ACT1665116-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVT6463.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
54ACT1665216-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl