Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS1206TTEB100 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SDS1206TTEB100
Description  power choke coils
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDS1206TTEB100 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SDS1206TTEB100 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDS1206TTEB100 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDS1206TTEB100 Datasheet HTML 3Page - KOA Speer Electronics, Inc. SDS1206TTEB100 Datasheet HTML 4Page - KOA Speer Electronics, Inc. SDS1206TTEB100 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDS
power choke coils
236
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/01/06
SDS0804TTEB5R0M
5.0
0.080
1.70
SDS0804TTEB7R5M
7.5
0.100
1.40
SDS0804TTEB100
10
0.120
1.20
SDS0804TTEB120
12
0.150
1.10
SDS0804TTEB150
15
0.170
1.00
SDS0804TTEB180
18
0.190
0.90
SDS0804TTEB220
22
0.250
0.80
SDS0804TTEB270
27
0.270
0.70
SDS0804TTEB330
33
0.300
0.65
SDS0804TTEB390
39
0.380
0.60
SDS0804TTEB470
47
0.460
0.55
SDS0804TTEB560
56
0.600
0.50
SDS0804TTEB680
68
0.700
0.45
SDS0804TTEB820
82
0.800
0.40
SDS0805TTEB2R2M
2.2
0.04
2.50
SDS0805TTEB3R9M
3.9
0.055
2.10
SDS0805TTEB5R6M
5.6
0.065
1.95
SDS0805TTEB8R2M
8.2
0.08
1.75
SDS0805TTEB100
10
0.10
1.50
SDS0805TTEB120
12
0.12
1.40
SDS0805TTEB150
15
0.14
1.30
SDS0805TTEB180
18
0.16
1.20
SDS0805TTEB220
22
0.18
1.10
SDS0805TTEB270
27
0.20
1.00
SDS0805TTEB330
33
0.24
0.92
SDS0805TTEB390
39
0.26
0.84
SDS0805TTEB470
47
0.28
0.75
SDS0805TTEB560
56
0.38
0.68
SDS0805TTEB680
68
0.44
0.60
SDS0805TTEB820
82
0.55
0.54
SDS0805TTEB101
100
0.60
0.50
SDS0805TTEB121
120
0.75
0.45
SDS0906TTEB100
10
0.080
1.80
SDS0906TTEB150
15
0.100
1.60
SDS0906TTEB220
22
0.130
1.40
SDS0906TTEB330
33
0.150
1.20
SDS0906TTEB470
47
0.180
1.00
SDS0906TTEB680
68
0.350
0.85
SDS0906TTEB101
100
0.420
0.70
SDS0906TTEB151
150
0.550
0.60
SDS0906TTEB221
220
1.00
0.48
SDS0906TTEB331
330
1.30
0.40
SDS0906TTEB471
470
1.60
0.35
SDS0906TTEB681
680
3.20
0.25
SDS0906TTEB102
1000
4.00
0.22
SDS0906TTEB152
1500
5.20
0.18
SDS0906TTEB222
2200
8.50
0.16
SDS0906TTEB332
3300
11.0
0.12
SDS0906TTEB472
4700
19.0
0.10
SDS0906TTEB682
6800
24.0
0.09
SDS0906TTEB103
10000
38.0
0.07
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
applications and ratings
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Inductance
Tolerance
-20°C to +80°C
K: ±10%
Y: ±15%
M: ±20%
K: ±10%
Y: ±15%
M: ±20%
Y: ±15%
M: ±20%
-20°C to +80°C
-20°C to +80°C
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 41


Similar Part No. - SDS1206TTEB100

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDS1206 KOA-SDS1206 Datasheet
325Kb / 5P
   power choke coil
More results

Similar Description - SDS1206TTEB100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMB042T ETC2-PCMB042T Datasheet
627Kb / 1P
   Power choke coils
PCMC135T ETC2-PCMC135T Datasheet
1Mb / 1P
   Power choke coils
PCMB063T ETC2-PCMB063T Datasheet
627Kb / 1P
   Power choke coils
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com