Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL732BTTE27N Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # KL732BTTE27N
Description  Thin Film Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732BTTE27N Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  KL732BTTE27N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732BTTE27N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732BTTE27N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732BTTE27N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL732BTTE27N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL732BTTE27N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL732BTTE27N Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL732BTTE27N Datasheet HTML 8Page - KOA Speer Electronics, Inc. KL732BTTE27N Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 9
TN-200 R7
Spring clip
Grand plane
Terminal
Chip inductor (Face up)
Insulator (Teflon)
Cross section of 16092A
.118 (3.0)
.039 (1.0)
See table
Dimensions of insulator (Teflon) in inches (mm)
0603
.055 (1.4)
0805
.071 (1.8)
1206
.106 (2.7)
Gm - Go
Rx =- Ro
(Gm - Go) 2+ (Bm - Bo)2
Bo - Bm
Xx =- Xo
(Gm - Go) 2- (Bm - Bo)2
Xx
Xx
L =
,
Q =
2
πfRx
L: Inductance of coil
Q: Quality factor of coil
f: Measuring frequency
4. The L and Q value shall be
given the following equation.
(Compensated calculation)
.118 (3.0)
.031 (0.8)
Thickness: .040 (1.0)
0402
3. Set pattern up and ground side to direction mark on insulator. Measure admittance (Gm, Bm).
KOA SPEER ELECTRONICS, INC.
6. Characteristics
6-1 Test Condition
Unless otherwise specified, the standard range of atmospheric
conditions for marking measurements and tests is as follows:
Ambient temperature:
20 ± 15°C
Relative humidity:
65 ± 20%
If there may be any doubt on results, measurements shall be made
within the following limits:
Ambient temperature:
20 ± 2°C
Relative humidity:
65 ± 5%
6-2 Measurement Method of L and Q
Test equipment:
Hewlett Packard RF Impedance analyzer 4191A
Fixture:
Hewlett Packard Test fixture 16092A
Measuring frequency:
500 MHz/1.0nH ~ 22nH (1.0nH ~ 15nH)
200 MHz/27nH ~ 100nH (18nH ~ 47nH)
1. Perform auto-calibration to the HP4191A .275" (7 mm) unknown connector connected to
0
Ω/0S/50Ω standard terminations.
2. Connected the test fixture 16092A.
Measure the open circuit admittance (Go, Bo), and the short circuit impedance (Ro, Xo).
Gm + jBm:
Measured admittance [S]
Ro
+ jXo:
Residual impedance [
Ω]
Go
+ jBo:
Stray admittance [S]
Rx
+ jXx:
Unknown impedance [Q]
Gm + j Bm
4191A
Caribration
plane
Ro
Xo
Go
Bo
16092A Spring clip fixture
Coil
Rx
Xx


Similar Part No. - KL732BTTE27N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732BTTE27N KOA-KL732BTTE27N Datasheet
133Kb / 4P
   thin film inductor
KL732BTTE27N KOA-KL732BTTE27N Datasheet
116Kb / 7P
   Thin Film Chip Inductors
KL732BTTE27N KOA-KL732BTTE27N Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL732BTTE27N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com