Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS1005TTEB331 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SDS1005TTEB331
Description  power choke coils
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDS1005TTEB331 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SDS1005TTEB331 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDS1005TTEB331 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDS1005TTEB331 Datasheet HTML 3Page - KOA Speer Electronics, Inc. SDS1005TTEB331 Datasheet HTML 4Page - KOA Speer Electronics, Inc. SDS1005TTEB331 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SDS
power choke coils
features
Marking: Black body color
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
235
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/08
B
A
F
F'
F
B
C
101
D
D
C
E
A
E
E
E
3.0
W
Marking:
Pin. 1 Side
1
8
5
4
dimensions and construction
ordering information
0804, 0805,
1003, 1005
0906, 0908
3 digits
(unit: µH)
T: Sn
K: ±10%
M:±20%
Y: ±15%
0804
0805
0906
0908
1003
1005
1205
1206
1208
TEB: 13" embossed plastic
SDS
Type
Size
Tolerance
Nominal
Inductance
Terminal
Surface Material
Packaging
1205
TEB
M
2R5
T
New Part #
.315±.008
(8.0±0.2)
.500±.008
(12.7±0.2)
.413±.008
(10.5±0.2)
.083±.008
(2.1±0.2)
.079±.008
(2.0±0.2)
.094±.008
(2.4±0.2)
.177±.012
(
4.5±0.3)
.406±.008
(10.3±0.2)
.098±.008
(2.5±0.2)
.106±.012
(2.7±0.3)
CF
E
D
B
A
Dimensions inches
(mm)
.315±.008
(8.0±0.2)
.413±.008
(10.5±0.2)
.083±.008
(2.1±0.2)
.236±.012
(6.0±0.3)
.236±.012
(6.0±0.3)
.299±.012
(7.6±0.3)
.500±.008
(12.7±0.2)
.094±.008
(2.4±0.2)
.394±.008
(10.0±0.2)
.098±.008
(2.5±0.2)
.193±.012
(4.9±0.3)
.299±.012
(7.6±0.3)
.413
(10.5)
––
.374±.012
(9.5±0.3)
.098±.012
(2.5±0.3)
.236±.012
(6.0±0.3)
.433±.020
(11.0±0.5)
.146±.012
(3.7±0.3)
.079±.008
(2.0±0.2)
Size
SDS0804
SDS0805
SDS1003
SDS1005
SDS0906
––
––
W
F1
––
––
––
––
––
.500±.031
(12.7±0.8)
.028±.004
(0.7±0.1)
––
.374±.012
(9.5±0.3)
.500±.012
(12.7±0.3)
.413
(10.5)
––
.098±.012
(2.5±0.3)
––
.295±.012
(
7.5±0.3)
.500±.012
(12.7±0.3)
.091±.008
(2.3±0.2)
.197±.020
(5.0±0.5)
.433±.020
(11.0±0.5)
.197±.008
(5.0±0.2)
.500±.012
(12.7±0.3)
––
.500±.012
(12.7±0.3)
.091±.008
(2.3±0.2)
.236±.020
(6.0±0.5)
.197±.008
(5.0±0.2)
.500±.012
(12.7±0.3)
––
.500±.012
(12.7±0.3)
.091±.008
(2.3±0.2)
.315±.020
(8.0±0.5)
.197±.008
(5.0±0.2)
SDS0908
SDS1205
SDS1206
SDS1208
.500±.031
(12.7±0.8)
––
.028±.004
(0.7±0.1)
––
––
––
––
––
1205, 1206, 1208
E
C
A
B
F
EU
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 40


Similar Part No. - SDS1005TTEB331

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDS1005 KOA-SDS1005 Datasheet
325Kb / 5P
   power choke coil
More results

Similar Description - SDS1005TTEB331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMB042T ETC2-PCMB042T Datasheet
627Kb / 1P
   Power choke coils
PCMC135T ETC2-PCMC135T Datasheet
1Mb / 1P
   Power choke coils
PCMB063T ETC2-PCMB063T Datasheet
627Kb / 1P
   Power choke coils
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com