Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL732BTTE6N8 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KL732BTTE6N8
Description  Thin Film Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732BTTE6N8 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KL732BTTE6N8 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 8Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KOA SPEER ELECTRONICS, INC.
TN-200 R7
AHA 06/28/06
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 9
Thin Film Chip Inductors
Type KL73 Series
1. Scope
This specification applies to Thin Film Chip Inductors (KL73) 1H, 1E, 1J, 2A and 2B sizes
produced by KOA Corporation.
3. Type Designation
The type designation shall be the following form:
Size
Tolerance
Nominal
Inductance
1H: 0201
1E: 0402
1J: 0603
2A: 0805
2B: 1206
B: ±0.1nH
C: ±0.2nH
G: ±2%
J: ±5%
4N7: 4.7nH
47N: 47nH
2A
G
4N7
Packaging
TP: 7" Embossed Paper 2mm Pitch
(1E only - 10,000 pcs/reel)
TE: 7" Embossed Plastic 4mm Pitch
(1J, 2A, 2B - 4,000 pcs/reel)
TB: 7" Paper Tape 2mm Pitch
(1H only - 10,000 pcs/reel)
TE
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
KL73
Type
New Type
Insulation
Film
L
W
t
d
Ceramic
Substrate
Inner
Electrode
Coil
Pattern
Direction
Mark
c
c
Marking
Protective
Coating
Electrode
Type
L
1E
(0402)
.039±.004
(1.0±0.1)
.016 +.008
-.004
(0.4 +0.2)
-0.1
.02±.002
(0.5±0.05)
.006±.004
(0.15±0.1)
.01±.004
(0.25±0.1)
.014±.002
(0.35±0.05)
.02±.004
(0.5±0.1)
.012±.004
(0.3±0.1)
.024±.004
(0.6±0.1)
.012±.004
(0.3±0.1)
.02±.008
(0.5±0.2)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
1J
(0603)
.02±.004
(0.5±0.1)
.012±.004
(0.3±0.2)
.016±.008
(0.4±0.2)
.049±.008
(1.25±0.2)
.079±.008
(2.0±0.2)
2A
(0805)
2B
(1206)
(Inch Size Code)
Wc
d
t
Dimensions inches (mm)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
1H
(0201)
.024±.001
(0.6±0.03)
.01±.001
(0.3±0.03)
.003±.002
(0.08±0.05)
.006±.002
(0.15±0.05)
.009±.001
(0.23±0.03)
2. Dimensions and Construction
CERTIFIED
CERTIFIED


Similar Part No. - KL732BTTE6N8

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732BTTE6N8 KOA-KL732BTTE6N8 Datasheet
133Kb / 4P
   thin film inductor
KL732BTTE6N8 KOA-KL732BTTE6N8 Datasheet
116Kb / 7P
   Thin Film Chip Inductors
KL732BTTE6N8 KOA-KL732BTTE6N8 Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL732BTTE6N8

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com