Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL732BTTE6N8 Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # KL732BTTE6N8
Description  Thin Film Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732BTTE6N8 Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

  KL732BTTE6N8 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 8Page - KOA Speer Electronics, Inc. KL732BTTE6N8 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 8 OF 9
TN-200 R7
KOA SPEER ELECTRONICS, INC.
Size
A
B
C
D
E
0402
.018
.026
.045
.079
.079
(0.45 ± 0.2) (0.65 ± 0.1) (1.15 ± 0.1) (2.0 ± 0.05) (2.0 ± 0.05)
0603
.035
.043
.075
.079
.157
(0.90 ± 0.1) (1.1 ± 0.15) (1.9 ± 0.15) (2.0 ± 0.01) (4.0 ± 0.1)
0805
.037
.057
.094
.079
.157
(0.95 ± 0.1) (1.45 ± 0.15) (2.4 ± 0.2)
(2.0 ± 0.1)
(4.0 ± 0.1)
1206
.037
.074
.137
.079
.157
(0.95 ± 0.1) (1.9 ± 0.2)
(3.5 ± 0.2)
(2.0 ± 0.1)
(4.0 ± 0.1)
Dimensions in inches (mm)
B
E
.059
(1.5
± 0.1)
D
.069
(1.75
± 0.1)
.138
(3.5
±
0.05)
.315
(8.0
± 0.2)
Direction of mark
Tape running direction
A
.010
(0.25
± 0.1)
.157 (4.0
± 0.1)
C
7. Packaging
7-1 Taping
The tapes for taping shall be embossed
carrier tapes of .315" (8 mm) width and
.157" (4 mm) pitches. The standard quantity
per reel shall be 4,000 pieces. Tapes for size
0402 (only) shall be paper carrier tapes of
.315" (8 mm) width and .079" (2 mm) pitches.
(1) Dimensions of carrier tape
0603
Inductance value shall be indicated to two
letters marking of figures and alphabet.
(Example of marking)
L1
1.0nH
56
5.6nH
10
10nH
H6
47nH
See marking item on
page 2, rating table.
5. Marking
5-1 Coating and Marking Color
Coating color: Dark blue
Direction mark color: Yellow
Direction
mark
56
1206
Inductance value shall be indicated to
two letters marking of significant figures.
An alphabetical letter N shall replace
position of decimal point.
(Example of marking)
2N2
2.2nH
5N6
5.6nH
10
10nH
47
47nH
Direction
mark
5N6
Decimal
point
0402
Inductance value shall have no marking.
Direction marking only.
0805
Inductance value shall be indicated to two
letters marking, including decimal point.
(Example of marking)
2.2
2.2nH
5.6
5.6nH
10
10nH
47
47nH
Direction
mark
5.6
Decimal
point
5-2 Marking Method


Similar Part No. - KL732BTTE6N8

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732BTTE6N8 KOA-KL732BTTE6N8 Datasheet
133Kb / 4P
   thin film inductor
KL732BTTE6N8 KOA-KL732BTTE6N8 Datasheet
116Kb / 7P
   Thin Film Chip Inductors
KL732BTTE6N8 KOA-KL732BTTE6N8 Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL732BTTE6N8

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com