Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZM5232B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TZM5232B
Description  Silicon Z-Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZM5232B Datasheet(HTML) 2 Page - Vishay Siliconix

  TZM5232B Datasheet HTML 1Page - Vishay Siliconix TZM5232B Datasheet HTML 2Page - Vishay Siliconix TZM5232B Datasheet HTML 3Page - Vishay Siliconix TZM5232B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TZM5221B...TZM5267B
Vishay Telefunken
Rev. 2, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85609
Type
VZnom
1)
IZT
for
rzjT
rzjk
at
IZK
IR
at
VR
TKVZ
V
mA
W
W
mA
mA
V
%/K
TZM5221B
2.4
20
< 30
< 1200
0.25
< 100
1.0
< –0.085
TZM5222B
2.5
20
< 30
< 1250
0.25
< 100
1.0
< –0.085
TZM5223B
2.7
20
< 30
< 1300
0.25
< 75
1.0
< –0.080
TZM5224B
2.8
20
< 30
< 1400
0.25
< 75
1.0
< –0.080
TZM5225B
3.0
20
< 29
< 1600
0.25
< 50
1.0
< –0.075
TZM5226B
3.3
20
< 28
< 1600
0.25
< 25
1.0
< –0.070
TZM5227B
3.6
20
< 24
< 1700
0.25
< 15
1.0
< –0.065
TZM5228B
3.9
20
< 23
< 1900
0.25
< 10
1.0
< –0.060
TZM5229B
4.3
20
< 22
< 2000
0.25
< 5
1.0
<
± 0.055
TZM5230B
4.7
20
< 19
< 1900
0.25
< 5
2.0
<
± 0.030
TZM5231B
5.1
20
< 17
< 1600
0.25
< 5
2.0
<
± 0.030
TZM5232B
5.6
20
< 11
< 1600
0.25
< 5
3.0
< +0.038
TZM5233B
6.0
20
< 7
< 1600
0.25
< 5
3.5
< +0.038
TZM5234B
6.2
20
< 7
< 1000
0.25
< 5
4.0
< +0.045
TZM5235B
6.8
20
< 5
< 750
0.25
< 3
5.0
< +0.050
TZM5236B
7.5
20
< 6
< 500
0.25
< 3
6.0
< +0.058
TZM5237B
8.2
20
< 8
< 500
0.25
< 3
6.5
< +0.062
TZM5238B
8.7
20
< 8
< 600
0.25
< 3
6.5
< +0.065
TZM5239B
9.1
20
< 10
< 600
0.25
< 3
7.0
< +0.068
TZM5240B
10
20
< 17
< 600
0.25
< 3
8.0
< +0.075
TZM5241B
11
20
< 22
< 600
0.25
< 2
8.4
< +0.076
TZM5242B
12
20
< 30
< 600
0.25
< 1
9.1
< +0.077
TZM5243B
13
9.5
< 13
< 600
0.25
< 0.5
9.9
< +0.079
TZM5244B
14
9.0
< 15
< 600
0.25
< 0.1
10
< +0.082
TZM5245B
15
8.5
< 16
< 600
0.25
< 0.1
11
< +0.082
TZM5246B
16
7.8
< 17
< 600
0.25
< 0.1
12
< +0.083
TZM5247B
17
7.4
< 19
< 600
0.25
< 0.1
13
< +0.084
TZM5248B
18
7.0
< 21
< 600
0.25
< 0.1
14
< +0.085
TZM5249B
19
6.6
< 23
< 600
0.25
< 0.1
14
< +0.086
TZM5250B
20
6.2
< 25
< 600
0.25
< 0.1
15
< +0.086
TZM5251B
22
5.6
< 29
< 600
0.25
< 0.1
17
< +0.087
TZM5252B
24
5.2
< 33
< 600
0.25
< 0.1
18
< +0.088
TZM5253B
25
5.0
< 35
< 600
0.25
< 0.1
19
< +0.089
TZM5254B
27
4.6
< 41
< 600
0.25
< 0.1
21
< +0.090
TZM5255B
28
4.5
< 44
< 600
0.25
< 0.1
21
< +0.091
TZM5256B
30
4.2
< 49
< 600
0.25
< 0.1
23
< +0.091
TZM5257B
33
3.8
< 58
< 700
0.25
< 0.1
25
< +0.092
TZM5258B
36
3.4
< 70
< 700
0.25
< 0.1
27
< +0.093
TZM5259B
39
3.2
< 80
< 800
0.25
< 0.1
30
< +0.094
TZM5260B
43
3.0
< 93
< 900
0.25
< 0.1
33
< +0.095
TZM5261B
47
2.7
< 105
< 1000
0.25
< 0.1
36
< +0.095
TZM5262B
51
2.5
< 125
< 1100
0.25
< 0.1
39
< +0.096
TZM5263B
56
2.2
< 150
< 1300
0.25
< 0.1
43
< +0.096
TZM5264B
60
2.1
< 170
< 1400
0.25
< 0.1
46
< +0.097
TZM5265B
62
2.0
< 185
< 1400
0.25
< 0.1
47
< +0.097
TZM5266B
68
1.8
< 230
< 1600
0.25
< 0.1
52
< +0.097
TZM5267B
75
1.7
< 270
< 1700
0.25
< 0.1
56
< +0.098
1) Based on dc–measurement at thermal equilibrium; case temperature maintained at 30°C ± 2°C.


Similar Part No. - TZM5232B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TZM5232B TAITRON-TZM5232B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZM5232B VISHAY-TZM5232B Datasheet
81Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 21-Mar-06
TZM5232B VISHAY-TZM5232B Datasheet
78Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
TZM5232B VISHAY-TZM5232B Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
TZM5232B VISHAY-TZM5232B Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
More results

Similar Description - TZM5232B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Diotec Semiconductor
ZPY10B DIOTEC-ZPY10B Datasheet
84Kb / 2P
   Silicon Power Z-Diodes
logo
New Jersey Semi-Conduct...
ZX3.9 NJSEMI-ZX3.9 Datasheet
166Kb / 2P
   Silicon Power Z Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com