Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL3TTE Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TSL3TTE
Description  surface mount molded current sense resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TSL3TTE Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TSL3TTE Datasheet HTML 1Page - KOA Speer Electronics, Inc. TSL3TTE Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
35
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
SL, SLN, TSL
surface mount molded current sense resistors
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
E-24*
Resistance
Range
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
SL1
SL2
TSL1
2W
1W
1W
200V
500V
400V
1000V
-55°C to +180°C
±180: R=<13m
±100: R=>15m
±180: R=<10m
±100: R=>11m
±180: R=<13m
±100: R=>15m
5m
Ω - 1MΩ
(G: ±2%)
Derating Curve
Surface Temperature Rise
environmental applications
100
80
60
40
20
-60 -40
0
406080100180
70
20
Ambient Temperature
(°C)
0
120
-20
140 160
-55
150
100
50
50
100
% Rated Power
TSL1 (1)
TSL1 (2)
0
0
25
75
2
1
25
75
125
SLN2 (2)
SLN2 (1)
Performance Characteristics
PMS 300 neg.
Black neg.
SL3
3W
5m
Ω - 100mΩ
±180: R=<10m
±100: R=>11m
(F: ±1%)
(J: ±5%)
3m
Ω ~ 22MΩ
3m
Ω, 4mΩ
(J: ±5%)
(F: ±1%)
3m
Ω - 22MΩ
(G: ±2%)
5m
Ω ~ 1MΩ
3m
Ω, 4mΩ
(F: ±1%)
(J: ±5%)
10m
Ω - 1MΩ
(D: ±0.5%)
10m
Ω - 1MΩ
(D: ±0.5%)
SL07
0.75W
––
––
0~200: R=<10m
0~150: R=>11m
Ω 5mΩ - 100mΩ
(J: ±5%)
(F: ±1%)
√ PR
√ PR
√ PR
√ PR
10m
Ω - 100mΩ
(F: ±1%)
(J: ±5%)
5m
Ω - 100mΩ
* 3m, 4m, 5m, 6m, 7m, 8m, 9m resistance values also available
(D: ±0.5%)
10m
Ω - 100mΩ (D: ±0.5%)
SLN2
2W
5m
Ω - 200mΩ
±110: R<10m
±75: R=>10m
(D: ±0.5%)
(F: ±1%)
(J: ±5%)
––
––
200
100
50
50
100
% Rated Power
SL1 (1)
SL2 (2)
0
0
25
75
SL1 (2)
SL2 (1)
2
25
75
150
175
125
TSL1/SLN2
SL1/SL2
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Resistance
to Solder Heat
260°C ± 5°C, 10 ± 1 second
260°C ± 5°C, 10~12 seconds
±1%*
±0.5%**
±1%*
±0.5%**
Overload
(Short time)
SL07: Rated power x 4 for 5 seconds, TSL1: Rated power x 2.5 for 5 seconds,
SL1, SL2, SLN2: Rated power x 5 for 5 seconds,
±1%*, ±0.5%**
±1%*, ±0.25%**
Rapid Change
of Temperature
-55°C (30 minutes), +150°C (30 minutes), 100 cycles
-55°C (15 minutes), +150°C (15 minutes), 1000 cycles
±1%*
±0.5%**
±0.5%*
±0.25%**
Moisture
Resistance
40°C ± 2°C, 90%~95%RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
85°C ± 2°C, 85% ±3%RH, 1000 hours, Rated power x 0.1
±2%*
±0.5%**
±0.5%*
±0.25%**
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%*, ±1%**
±0.5%
Low Temperature Operation
SL07, TSL1, SL1, SL2: -55°C, 1 hour; SLN2: -65°C, 24 hours
±0.5%
±0.25%
* SL07, TSL1, SL1, SL2
** SLN2
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 33


Similar Part No. - TSL3TTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TSL3TTE20L0D KOA-TSL3TTE20L0D Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
TSL3TTE20L0D KOA-TSL3TTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
TSL3TTE20L0F KOA-TSL3TTE20L0F Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
TSL3TTE20L0F KOA-TSL3TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
TSL3TTE20L0G KOA-TSL3TTE20L0G Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
More results

Similar Description - TSL3TTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
SL3TTER100F KOA-SL3TTER100F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
   surface mount molded current sense resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
KOA Speer Electronics, ...
NPR1TTE KOA-NPR1TTE Datasheet
98Kb / 2P
   surface mount molded current sense resistor
NPR1TTE100J KOA-NPR1TTE100J Datasheet
257Kb / 2P
   surface mount molded current sense resistor
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com