Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCL1JJTTD8R2 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MCL1JJTTD8R2
Description  Multi Layer Ferrite Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MCL1JJTTD8R2 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MCL1JJTTD8R2 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MCL1JJTTD8R2 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MCL1JJTTD8R2 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MCL1JJTTD8R2 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MCL1JJTTD8R2 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MCL1JJTTD8R2 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 2 OF 6
SS-223 R9
4. Standard Applications (continued)
Part
Designation
Inductance
L (µH)
Minimum
Q
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
L.Q. Test
Frequency
(MHz)
Self Resonant
Frequency
Typical
(MHz)
15
10
0.85
1.00
1.35
35
25
15
1.55
1.70
2.10
125
110
105
95
90
85
75
65
60
55
50
45
40
35
33
0.60
0.80
0.95
1.15
1.35
1.55
1.70
2.10
22
1.55
20
18
17
15
320
280
255
235
220
200
185
170
150
145
135
125
115
105
100
1.70
2.10
1.85
2.10
0.20
0.30
0.40
0.50
0.55
0.65
200
250
0.75
0.80
1.00
25
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
35
30
4
2
15
20
25
50
25
5
3
300
150
8.2
10
12
0.047
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
Operating
Temperature
Range
MCL1JHTTDR33*
MCL1JHTTDR39*
MCL1JHTTDR47*
MCL1JHTTDR56*
MCL1JHTTDR68*
MCL1JHTTDR82*
MCL1JJTTD1R0*
MCL1JJTTD1R2*
MCL1JJTTD1R5*
MCL1JJTTD1R8*
MCL1JJTTD2R2*
MCL1JJTTD2R7*
MCL1JJTTD3R3*
MCL1JJTTD3R9*
MCL1JJTTD4R7*
MCL1JJTTD5R6*
MCL1JJTTD6R8*
MCL1JJTTD8R2*
MCL1JJTTD100*
MCL1JJTTD120*
MCL2AHTTD047M
MCL2AHTTD068M
MCL2AHTTD082M
MCL2AHTTDR10*
MCL2AHTTDR12*
MCL2AHTTDR15*
MCL2AHTTDR18*
MCL2AHTTDR22*
MCL2AHTTDR27*
MCL2AHTTDR33*
MCL2AHTTDR39*
MCL2AHTTDR47*
MCL2AHTTDR56*
MCL2AHTTDR68*
MCL2AHTTDR82*
* Add tolerance character (K, M) - Other tolerances available upon request
-55°C
to
+125°C
-55°C
to
+125°C
1.0
1.2
45
10
75
65
0.40
0.50
0.60
0.65
0.75
0.80
0.90
1.00
30
50
60
55
50
45
41
38
35
1.5
1.8
2.2
2.7
3.3
3.9
4.7
MCL2AJTTD1R0*
MCL2AJTTD1R2*
MCL2AJTTD1R5*
MCL2AJTTD1R8*
MCL2AJTTD2R2*
MCL2AJTTE2R7*
MCL2AJTTE3R3*
MCL2AJTTE3R9*
MCL2AJTTE4R7*
SS-223 R9
12/6/06
11:26 AM
Page 2


Similar Part No. - MCL1JJTTD8R2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MCL1JJTTD1R0 KOA-MCL1JJTTD1R0 Datasheet
139Kb / 3P
   multilayer ferrite inductor
MCL1JJTTD1R2 KOA-MCL1JJTTD1R2 Datasheet
139Kb / 3P
   multilayer ferrite inductor
MCL1JJTTD1R5 KOA-MCL1JJTTD1R5 Datasheet
139Kb / 3P
   multilayer ferrite inductor
MCL1JJTTD1R8 KOA-MCL1JJTTD1R8 Datasheet
139Kb / 3P
   multilayer ferrite inductor
MCL1JJTTD2R2 KOA-MCL1JJTTD2R2 Datasheet
139Kb / 3P
   multilayer ferrite inductor
More results

Similar Description - MCL1JJTTD8R2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CV201210 BOURNS-CV201210_11 Datasheet
190Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com