Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXXHN41 Datasheet(PDF) 1 Page - Hind Rectifiers Limited.

Part # SXXHN41
Description  Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIRECT [Hind Rectifiers Limited.]
Direct Link  http://www.hirect.com
Logo HIRECT - Hind Rectifiers Limited.

SXXHN41 Datasheet(HTML) 1 Page - Hind Rectifiers Limited.

  SXXHN41 Datasheet HTML 1Page - Hind Rectifiers Limited. SXXHN41 Datasheet HTML 2Page - Hind Rectifiers Limited. SXXHN41 Datasheet HTML 3Page - Hind Rectifiers Limited. SXXHN41 Datasheet HTML 4Page - Hind Rectifiers Limited. SXXHN41 Datasheet HTML 5Page - Hind Rectifiers Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rectifier Diode SXXHN/HR41
Symbol
Characteristics
Conditions
T
J(
0
C)
Value
Unit
BLOCKING PARAMETERS
V
RRM
Repetitive peak reverse voltage
180
200-1500
V
I
RRM
Repetitive peak reverse current
V = V
RRM
180
4
mA
CONDUCTING PARAMETERS
I
F(AV)
Average on-state current
180 sine, 50H
Z,
T
C = 130
0
C
40
A
I
RMS
RMS on-state current
63
A
I
FSM
Non repetitive peak surge on-
state current
500
A
I2t
Permissible surge energy
Sine wave, 10mS
without reverse
voltage
180
1250
A2S
V
FM
Peak on-state voltage drop
On-state
current = 125A
180
1.25
V
V
0
Typical forward conduction
Threshold voltage
180
0.72
V
r
0
Typical forward slope resistance
180
3.60
THERMAL & MECHANICAL PARAMETERS
R
TH (J-C)
Thermal impedance, 1800
conduction, Sine
Junction to case
0.75
0
C/W
R
TH (C-HK)
Thermal impedance
Case to heatsink
0.25
0
C/W
T
J
Maximum Permissible junction
temperature
180
0
C
T
STG
Storage temperature range
-40 – 180
0
C
F
Mounting Torque
3
NM
W
Weight
40
gms
H
H II N
N D
D R
R E
E C
C T
T II F
F II E
E R
R S
S L
L T
T D
D
1 of 5


Similar Part No. - SXXHN41

ManufacturerPart #DatasheetDescription
logo
Hind Rectifiers Limited...
SXXHN14 HIRECT-SXXHN14 Datasheet
70Kb / 5P
   Rectifier Diode
SXXHN16 HIRECT-SXXHN16 Datasheet
71Kb / 5P
   Rectifier Diode
SXXHN20 HIRECT-SXXHN20 Datasheet
70Kb / 5P
   Rectifier Diode
SXXHN250 HIRECT-SXXHN250 Datasheet
71Kb / 5P
   Rectifier Diode
SXXHN26 HIRECT-SXXHN26 Datasheet
70Kb / 5P
   Rectifier Diode
More results

Similar Description - SXXHN41

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com