Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF2CT631A102K Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # PCF2CT631A102K
Description  Fixed Ceramic Composition Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PCF2CT631A102K Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  PCF2CT631A102K Datasheet HTML 1Page - KOA Speer Electronics, Inc. PCF2CT631A102K Datasheet HTML 2Page - KOA Speer Electronics, Inc. PCF2CT631A102K Datasheet HTML 3Page - KOA Speer Electronics, Inc. PCF2CT631A102K Datasheet HTML 4Page - KOA Speer Electronics, Inc. PCF2CT631A102K Datasheet HTML 5Page - KOA Speer Electronics, Inc. PCF2CT631A102K Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS-02 R6
PAGE 4 OF 6
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
5. Characteristics (Continued)
8
9
Solderability
(Method 208)
Resistance
to solvents
Over 3/4th of the lead-
wire surface area shall
be covered with solder,
when judged visually.
No evidence of
mechanical damage
in appearance and
marking.
The lead-wire is immersed for 2 - 3 seconds
in methanol solution containing rosin body is
immersed in melted solder at temperature of
235 ±5°C for a period of 3 ± 0.5 sec. as far as
the point 2 - 2.5mm from the resistor body.
1.
Sample shall be immersed in ultrasonic
solvents of 28kHz frequency, 150w (0.3w/cm2)
power at 35 ± 5°C for 2 minutes.
2.
After samples shall be immersed in specified
solvents (following table) for 3 minutes, the resistor
shall be immediately wiped with a dry cloth
(velvet or gauze)
(Solvents)
1.
Iso-proryle alcohol
2.
1-1-1 trichloroethane
10
Dielectric
withstanding voltage
(Method 301)
The resistor develops
no dielectric breakdown.
Resistance change shall
be ± (1% + 0.05 ohm)
of the Pre-test value.
The resistors shall be clamped in the trough of a
90°C metallic V-block of such size that the resistor
body does not extend beyond the ends of the
trough. The resistor leads shall be positioned such
that they are no closer to the V-block than if they
were parallel to the sides of the V-block. This
prevents unnecessary proximity of the leads to
the block, while permitting complete seating of
the resistor body in the block.
Sine wave RMS voltages from an alternating
current supply at commercial line frequency not
more than 100 Hertz as specified in Table 1 shall
be applied at the rate of approximately 100 volts
per second between resistor terminals connected
together and the V-block, and held for 5 seconds.
The coating cab withstand the overload test, with no possibilities of ignition.
1.
Overload Test as per UL-492, Item 13:
A piece of cotton cloth (A piece of gauze untreated corresponding to Nos 32-28
that measures 36 inches in width and 14 - 15 yards per pound) is wound around
a resistor. Then, the resistor is applied with voltage which is increased by two
times, three times, . . . ten times the rated voltage at intervals of one minute till
the resistor is broken down. If the cotton cloth is found igniting, the resistor shall
be considered unacceptable.
The coating is completely proof against any kind of heat sources. Even if
exposed to gas burner flames or heated red with nichrome wire wounded, the
coating will not flame, nor soften and melt to drop.
2.
Hot-wire Ignition Test as per UL-492-2, Item 9:
A nichrome wire (Mixture of Cr 20% and Ni 80% which measures 0.0201 inches
in diameter and 865 feet per pound, and having 1.61 ohm per foot) is wound a
resistor at intervals of 1/4 inch so as to result in power consumption of 65W or
more. Then, the resistor is heated red with electricity supplied to the nichrome wire.
11
Flame-proof
(UL-492-2)
SS-02 R6
6/20/07
3:37 PM
Page 4


Similar Part No. - PCF2CT631A102K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PCF2CT631A102K KOA-PCF2CT631A102K Datasheet
323Kb / 2P
   ceramic fixed power type leaded resistor
More results

Similar Description - PCF2CT631A102K

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
RS1112W2K7JT SHARMA-RS1112W2K7JT Datasheet
496Kb / 6P
   THE FIXED CARBON COMPOSITION RESISTORS
logo
Token Electronics Indus...
RMC TOKEN-RMC Datasheet
400Kb / 5P
   Bulk Ceramic Composition Resistors
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
   Hot-Molded Carbon Composition Fixed Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
   Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
   Carbon Composition Resistors
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Ohmite Mfg. Co.
OY100KE-TR OHMITE-OY100KE-TR Datasheet
540Kb / 1P
   Ceramic Composition
EYSERIES OHMITE-EYSERIES Datasheet
467Kb / 2P
   Ceramic Composition
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com